Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1576ART1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA1576ART1
Description  General Purpose Amplifier Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1576ART1 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA1576ART1 Datasheet HTML 1Page - ON Semiconductor 2SA1576ART1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 2
Publication Order Number:
2SA1576ART1/D
1
2SA1576ART1
General Purpose
Amplifier Transistors
PNP Surface Mount
Moisture Sensitivity Level: 1
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector−Base Voltage
V(BR)CBO
60
Vdc
Collector−Emitter Voltage
V(BR)CEO
50
Vdc
Emitter−Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Collector Current − Peak
IC(P)
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
− 55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Breakdown Voltage
(IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector−Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
7.0
Vdc
Collector−Base Cutoff Current
(VCB = 60 Vdc, IE = 0)
ICBO
0.1
mAdc
Collector−Emitter Cutoff Current
(VCE = 10 Vdc, IB = 0)
(VCE = 30 Vdc, IB = 0)
(VCE = 30 Vdc, IB = 0, TA = 80°C)
ICEO
0.1
2.0
1.0
mAdc
mAdc
mAdc
DC Current Gain (Note 1)
(VCE = 6.0 Vdc, IC = 2.0 mAdc)
hFE
180
390
Collector−Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.5
Vdc
1. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
SC−70
CASE 419
MARKING DIAGRAM
2
1
3
76 M
76
= Specific Device Code
M
= Date Code
COLLECTOR
3
1
BASE
2
EMITTER
Device*
Package
Shipping
ORDERING INFORMATION
2SA1576ART1
SC−70
3000/Tape & Reel
*The “T1” suffix refers to a 7 inch reel.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - 2SA1576ART1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576AR ROHM-2SA1576AR Datasheet
76Kb / 3P
   General Purpose Transistor
logo
AiT Semiconductor Inc.
2SA1576AR AITSEMI-2SA1576AR Datasheet
541Kb / 6P
   GENERAL PURPOSE TRANSISTORS PNP SILICON
More results

Similar Description - 2SA1576ART1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSA1162GT1 ONSEMI-MSA1162GT1_06 Datasheet
47Kb / 2P
   General Purpose Amplifier Transistors
January, 2006 ??Rev. 5
MSA1162GT1G ONSEMI-MSA1162GT1G Datasheet
92Kb / 3P
   General Purpose Amplifier Transistors
October, 2013 ??Rev. 7
2SA1162GT1 ONSEMI-2SA1162GT1 Datasheet
50Kb / 6P
   General Purpose Amplifier Transistors
October, 2003 ??Rev. 0
MSA1162GT1 ONSEMI-MSA1162GT1 Datasheet
44Kb / 4P
   General Purpose Amplifier Transistors
September, 2003 ??Rev. 4
logo
AiT Semiconductor Inc.
MMBTA13L AITSEMI-MMBTA13L Datasheet
771Kb / 8P
   GENERAL PURPOSE TRANSISTORS DARLINGTON AMPLIFIER TRANSISTORS
REV1.0
logo
First Silicon Co., Ltd
MMSTA05 FS-MMSTA05 Datasheet
469Kb / 4P
   NPN General Purpose Amplifier transistors
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
   General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com