Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AN6531 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN6531
Description  4-pin variable positive output voltage regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
Voltage Regulators
1
AN6531
4-pin variable positive output voltage regulator
I Overview
The AN6531 is a monolithic 4-pin variable positive
output voltage regulator. With an external resistor, it pro-
vides any stabilized output voltages between 5V and 30V,
and is optimum for the power circuits with a current ca-
pacity of up to 0.5A. This IC incorporates various protec-
tion circuits.
I Features
• Wide range of output voltages: V
O = 5 to 30V
• Built-in thermal overload protection circuit
• Built-in overcurrent protection circuit
• Built-in ASO (area of safe operation) protection circuit
I Block Diagram
Unit : mm
SSIP004-P-0000
φ3.1
3–1.0
0.7±0.2
0.5±0.1
2.3
1.5
1.3
2.3
2.3
1.8
9.6+0.5
–0.1
Control
12
3
4
Error
Amp.
Common
Input
Output
Output
Pass Tr
+
Thermal
Protection
Current
Source
Short Circuit
Protection
RSC




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ3DZ530.5A/1.0A Output General Purpose Surface Mount Type Low Power-Loss Voltage Regulator 1 2 3 4 5 MoreSharp Electrionic Components
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
B11171.0Amp Low Dropout Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
MC100EP912.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator 1 2 3 4 5 MoreON Semiconductor
LM5010AHigh Voltage 1A Step Down Switching Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AD5764RComplete Quad 16-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
MC1723VOLTAGE REGULATOR 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl