Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5935TF Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # S5935TF
Description  PCI 5V Bus Master/Target Device 32-bit
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935TF Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button S5935TF Datasheet HTML 7Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 8Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 9Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 10Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 11Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 12Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 13Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 14Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 190 page
background image
1-3
ARCHITECTURAL OVERVIEW
S5935
PCI Operation Registers
The second group of registers are the PCI Operation
Registers shown in Table 2. This group consists of
sixteen 32-bit (DWORD) registers accessible to the
Host processor from the PCI Local bus. These are the
main registers through which the PCI Host configures
S5935 operation and communicates with the Add-On
Local bus. These registers encompass the PCI bus
incoming and outgoing Mailboxes, FIFO data channel,
Bus Master Address and Count registers, Pass-Thru
data channel registers and S5935 device Status and
Control registers.
Add-On Bus Operation Registers
The third and last register group consists of the Add-On
Operation Registers, shown in Table 3. This group of
eighteen 32-bit (DWORD) registers is accessible to the
Add-On Local bus. These are the main registers through
which the Add-On logic configures S5935 operation
and communicates with the PCI Local bus. These
registers encompass the Add-On bus Mailboxes, Add-
On FIFO, DMA Address/Count Registers (when Add-
On initiated Bus Mastering), Pass-Thru Registers and
Status/Control registers.
Non-Volatile Memory Interface
The S5935 contains a set of PCI Configuration Regis-
ters. These registers can be initialized with default
values or with designer specified values contained in an
external nvRAM. The nvRAM can be either a serial (2
Kbytes, maximum) or a byte-wide device (64 Kbytes,
maximum).
The optional nvRAM allows the Add-On card manufac-
turer to initialize the S5935 with his specific Vendor ID
and Device ID numbers along with desired S5935
operation characteristics. The non-volatile memory fea-
ture also provides for the Expansion BIOS and POST
code (power-on-self-test) options on the PCI bus.
3
e
t
y
B
2
e
t
y
B
1
e
t
y
B
0
e
t
y
B
s
s
e
r
d
d
A
D
I
e
c
i
v
e
DD
I
r
o
d
n
e
Vh
0
0
s
u
t
a
t
S
I
C
Pd
n
a
m
m
o
C
I
C
Ph
4
0
e
d
o
C
s
s
a
l
CD
I
n
o
i
s
i
v
e
Rh
8
0
t
s
e
T
fl
e
S
n
i-
tl
i
u
Be
p
y
T
r
e
d
a
e
Hr
e
m
i
T
y
c
n
e
t
a
Le
z
i
S
e
n
i
L
e
h
c
a
Ch
C
0
0
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
s
a
Bh
0
1
1
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
s
a
Bh
4
1
2
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
s
a
Bh
8
1
3
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
s
a
Bh
C
1
4
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
s
a
Bh
0
2
d
e
v
r
e
s
e
Rh
4
2
e
c
a
p
S
d
e
v
r
e
s
e
Rh
8
2
e
c
a
p
S
d
e
v
r
e
s
e
Rh
C
2
s
s
e
r
d
d
A
e
s
a
B
M
O
R
n
o
i
s
n
a
p
x
Eh
0
3
e
c
a
p
S
d
e
v
r
e
s
e
Rh
4
3
e
c
a
p
S
d
e
v
r
e
s
e
Rh
8
3
y
c
n
e
t
a
L
.
x
a
Mt
n
a
r
G
.
n
i
Mn
i
P
t
p
u
r
r
r
e
t
n
Ie
n
i
L
t
p
u
r
r
e
t
n
Ih
C
3
Table 1. PCI Configuration Registers
s
r
e
t
s
i
g
e
R
n
o
i
t
a
r
e
p
O
I
C
P
s
s
e
r
d
d
A
t
e
s
f
f
O
)
1
B
M
O
(
1
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
o
g
t
u
Oh
0
0
)
2
B
M
O
(
2
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
o
g
t
u
Oh
4
0
)
3
B
M
O
(
3
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
o
g
t
u
Oh
8
0
)
4
B
M
O
(
4
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
o
g
t
u
Oh
C
0
)
1
B
M
I
(
1
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
m
o
c
n
Ih
0
1
)
2
B
M
I
(
2
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
m
o
c
n
Ih
4
1
)
3
B
M
I
(
3
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
m
o
c
n
Ih
8
1
)
4
B
M
I
(
4
r
e
t
s
i
g
e
R
x
o
b
li
a
M
g
n
i
m
o
c
n
Ih
C
1
)
O
F
I
F
(
)
l
a
n
o
i
t
c
e
r
i
d
i
b
(
t
r
o
P
r
e
t
s
i
g
e
R
O
F
I
Fh
0
2
)
R
A
W
M
(
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
e
t
i
r
W
r
e
t
s
a
Mh
4
2
)
C
T
W
M
(
r
e
t
s
i
g
e
R
t
n
u
o
C
r
e
f
s
n
a
r
T
e
t
i
r
W
r
e
t
s
a
Mh
8
2
)
R
A
R
M
(
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
d
a
e
R
r
e
t
s
a
Mh
C
2
)
C
T
R
M
(
r
e
t
s
i
g
e
R
t
n
u
o
C
r
e
f
s
n
a
r
T
d
a
e
R
r
e
t
s
a
Mh
0
3
)
F
E
B
M
(
r
e
t
s
i
g
e
R
s
u
t
a
t
S
ll
u
F
/
y
t
p
m
E
x
o
b
li
a
Mh
4
3
)
R
S
C
T
N
I
(
r
e
t
s
i
g
e
R
s
u
t
a
t
S
/
l
o
r
t
n
o
C
t
p
u
r
r
e
t
n
Ih
8
3
)
R
S
C
M
(
r
e
t
s
i
g
e
R
s
u
t
a
t
S
/
l
o
r
t
n
o
C
r
e
t
s
a
M
s
u
Bh
C
3
Table 2. PCI Operation Registers


Similar Part No. - S5935TF

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S5935TFC AMCC-S5935TFC Datasheet
3Mb / 204P
   PCI Product
More results

Similar Description - S5935TF

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
   32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
   3 PCI Bus master, ISA Bus supported
ETM710 AXIOMTEK-ETM710 Datasheet
202Kb / 1P
   4 PCI Bus master, ISA Bus supported
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
   4 PCI Bus master, ISA Bus supported
logo
Agere Systems
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
   32-bit PCI Local Bus I/O board
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com