Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2602ASTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2602ASTRT
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602ASTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2602ASTRT Datasheet HTML 3Page - Semtech Corporation SC2602ASTRT Datasheet HTML 4Page - Semtech Corporation SC2602ASTRT Datasheet HTML 5Page - Semtech Corporation SC2602ASTRT Datasheet HTML 6Page - Semtech Corporation SC2602ASTRT Datasheet HTML 7Page - Semtech Corporation SC2602ASTRT Datasheet HTML 8Page - Semtech Corporation SC2602ASTRT Datasheet HTML 9Page - Semtech Corporation SC2602ASTRT Datasheet HTML 10Page - Semtech Corporation SC2602ASTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602/SC2602A
Application Circuit
Typical 12V Application Circuit with Bootstrapped BSTH
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DRVH
6
PGND
7
DRVL
8
BSTL
9
BSTH
10
SENSE
11
SS/SHDN
13
GND
14
U1
SC2602
Q1
STP40NE
Q2
STP40NE
R5
3.9
D3
MBRD1035
R4
10
L1
4uH
D2
MBRA130
C9
1.0
C10
180/4V
C11
180/4V
C12
180/4V
C13
180/4V
C7
270/16V
C6
270/16V
R1
1k
R3
1k
C2
0.1
C3
0.1
C1
0.1
R2
1.74k
PWRGD
OVP
SHDN
+
_
+
_
Vin
12V
Vout=3.3
V*
R8
127
R9
205*
NOTE:
*) Vout = 1.265 x
(1+R9/R8)
+5V
D1
MBR0520
R6
2.2
C4
1.0
C5
10.0
Optional
C14
180/4V
C8
270/16V
COMP
12
4.99K
820pF


Similar Part No. - SC2602ASTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2602ASTRT SEMTECH-SC2602ASTRT Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC2602ASTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com