Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO-720-LPC-GAA Datasheet(PDF) 4 Page - Vectron International, Inc

Part # SO-720-LPC-GAA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-720-LPC-GAA Datasheet(HTML) 4 Page - Vectron International, Inc

  SO-720-LPC-GAA Datasheet HTML 1Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 2Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 3Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 4Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 5Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 6Page - Vectron International, Inc SO-720-LPC-GAA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SO-720 SAW Clock Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 7
Rev: 21 Jun 2006
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 4
V
Output Current
Iout
25
mA
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
TLS
260 / 40
°C/sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation
is not implied at these or any other conditions in excess of conditions represented in the operational sections of
this datasheet. Exposure to absolute maximum ratings for extended periods may adversely affect device
reliability. Permanent damage is also possible if OD is applied before Vcc.
Suggested Output Load Configurations
4
3
240
0.01
µF
16
2
Gnd
N/C
5
OD
0.10
µF
+3.3V
240
100
Z = 50
Z = 50
COutput
Vcc
Output
Gnd
OD
N/C
Output
240
34
240
COutput
2
1
5
6
Vcc
0.01
µF
0.10
µF
+3.3V
N/C
-1.3V
COutput
Output
4
3
25
OD
0.01
µF
16
Vcc
0.10
µF
+2.0V
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100
resistor and
doubling the value of the pull down resistors.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Gnd
3
Output
4
Z = 50
+3.3V
COutput
N/C
OD
2
1
5
Vcc
6
0.01
µF
0.10
µF
Z = 50
40
40
150
150
49
49
+3.3V
Production Test: Allows direct DC coupling into 50
measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01
µF
0.01
µF


Similar Part No. - SO-720-LPC-GAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - SO-720-LPC-GAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com