Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9816AA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ELM9816AA
Description  VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELM9816AA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ELM9816AA Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 9Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 10Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 11Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 12Page - List of Unclassifed Manufacturers ELM9816AA Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
216
●  ELM9833xA
VOLTAGE REGULATOR ELM98xxxA
0
20
40
60
80
10 0
12 0
14 0
2.8
3.0
3.2
3.4
3.6
3.8
Iout (mA)
Vout - Iout
Vin=3.9V
To p=+25°C
+80 °C
-30°C
3.0
3.2
3.4
3.6
3.8
2.6
2.8
3.0
3.2
3.4
Vin (V)
50 mA
Top=25°C
Iout=1mA
10 mA
Vout - Vin
4.0
5.0
6.0
7.0
3.26
3.28
3.30
3.32
3.34
Vin (V)
Top=2 5°C
Iout=50mA
Vout - Vin
-40
-20
0
20
40
60
80
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
T op (°C)
Vout - T op
Vin=5.3V
Iout=1mA
Iout=50mA
20
40
60
80
10 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
Iout (mA)
Vdif - Iout
To p=+80°C
+25 °C
-30°C


Similar Part No. - ELM9816AA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM9827AB-N ELM-TECH-ELM9827AB-N Datasheet
124Kb / 12P
   CMOS Voltage regulator
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
More results

Similar Description - ELM9816AA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com