Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1529AB Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # LH1529AB
Description  Telecom Switch - 1 Form A Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1529AB Datasheet(HTML) 3 Page - Infineon Technologies AG

  LH1529AB Datasheet HTML 1Page - Infineon Technologies AG LH1529AB Datasheet HTML 2Page - Infineon Technologies AG LH1529AB Datasheet HTML 3Page - Infineon Technologies AG LH1529AB Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
LH1529AB/AAC/AACTR/BB/BAC/BACTR
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–128
March 26, 2000-17
Typical Performance Characteristics
Figure 1. LED Voltage vs. Temperature
Figure 2. Current Limit vs. Temperature
Figure 3. Switch Capacitance vs. Applied Voltage
AMBIENT TEMPERATURE (
°C)
–40
–20
0
1.6
1.5
1.4
1.0
20
1.3
60
40
1.2
1.1
80
IF = 1 mA
IF = 2 mA
IF = 10 mA
IF = 20 mA
IF = 50 mA
IF = 5 mA
–40
40
10
30
20
0
–20
–10
–40
–30
–20
0
20
40
60
AMBIENT TEMPERATURE (
°C)
80
IF = 5 mA
t = 5 ms
VL = SEE ELEC. CHAR.
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
IF = 0 mA
TA = 25°C
f = 1 MHz
Figure 4. LED Current for Switch Turn-off vs. Temperature
Figure 5. ON-Resistance vs. Temperature
Figure 6. Insertion Loss vs. Frequency
AMBIENT TEMPERATURE (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL = 100 mA
–40
50
10
30
20
40
–20
–30
–10
–40
0
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
IL = 50 mA
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
10 2
10 3
10 4
10 5
0.15
RL = 600


Similar Part No. - LH1529AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
More results

Similar Description - LH1529AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com