Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L05C Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L05C
Description  FIXED VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L05C Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM78L05C Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L05C Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FIXED VOLTAGE REGULATOR
LM78LXX
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
This series of fixed-voltage monolithic integrated-circuit
voltage regulators is designed for a wide range of
applications.
These applications include on-card regulation for
elimination of noise and distribution problems associated
with single-point regulation.
In addition, they can be used with power-pass elements
to make high current voltage regulators.
Each of these regulators can deliver up to 100㎃ of output
current.
The internal limiting and thermal shutdown features of
these regulators make them essentially immune to overload.
When used as a replacement for a zener diode-resistor com-
bination, an effective improvement in output impedance
can be obtained together with lower-bias current.
ORDERING INFORMATION
Device
Marking
Package
LM78LXX
LM78LXX
TO-92
FEATURES
LM78L05 /A /C LM78L05 /A /C
◇ Output Current Up to 100㎃
LM78L05NF
805
SOT-89
◇ No External Components
LM78L05AF/CF
◇ Internal Thermal Overload Protection
LM78L06F~24F
806~824
◇ Internal Short-Circuit Limiting
XX = Output Voltage or Grade
◇ Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V
and 24V
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Input voltage
LM78L05 /A/C∼ LM78L10
VI
30
V
LM78L12 ∼ LM78L18
35
LM78L24
40
Operating junction temperature
Topr
0 ∼ +150
Storage temperature
Tstg
-65 ∼ +150
Soldering temperature and time
Tsol
260/10sec
Mar. 2006 - Rev 06
HTC
26
TO-92 (TOP VIEW)
1. Output
2. Gnd
3. Input
1.
1.
SOT-89


Similar Part No. - LM78L05C

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L05C HTC-LM78L05C Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L05CTA HTC-LM78L05CTA Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM78L05C

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com