Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2815-1 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2815-1
Description  LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2815-1 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2815-1 Datasheet HTML 1Page - California Eastern Labs PS2815-1 Datasheet HTML 2Page - California Eastern Labs PS2815-1 Datasheet HTML 3Page - California Eastern Labs PS2815-1 Datasheet HTML 4Page - California Eastern Labs PS2815-1 Datasheet HTML 5Page - California Eastern Labs PS2815-1 Datasheet HTML 6Page - California Eastern Labs PS2815-1 Datasheet HTML 7Page - California Eastern Labs PS2815-1 Datasheet HTML 8Page - California Eastern Labs PS2815-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS2815-1,PS2815-4
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
1.27
4.4
7.0±0.3
0.5±0.3
1.27
2.7±0.3
43
12
10.3±0.3
18
16
9
PS2815-1
PS2815-4
M
0.12
4.4
7.0±0.3
0.5±0.3
0.4±0.1
0.4±0.1
MARKING EXAMPLE
15
401
Assembly Lot
4 01
Week Assembled
Year Assembled
(Last 1 Digit)
Last number of type No. : 15
PS2815-1
N 4 01
Country Assembled
Assembly Lot
*1
No. 1 pin
Mark
PS2815-4
PS2815-4
N 401
*1
Week Assembled
Year Assembled
(Last 1 Digit)
CTR Rank Code
*1 For the external plating Pb-Free product,
L is indicated at the second digit of the rank.
*1 For external plating Pb-Free products, perform
marking to indicate that these are Pb-Free
products.
Type Number
Data Sheet PN10256EJ02V0DS
2


Similar Part No. - PS2815-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2815-1-F3 NEC-PS2815-1-F3 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1-F3 RENESAS-PS2815-1-F3 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1-F3 RENESAS-PS2815-1-F3 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2815-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com