Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM39301T-5.0 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # LM39301T-5.0
Description  3A Low-Voltage Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39301T-5.0 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  LM39301T-5.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39301T-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3A Low-Voltage Low-Dropout Regulator
LM39300/39301/39302
HTC
8
Minimum Load Current
The LM39300/1/2 regulator is specified between finite loads.
If the output current is too small, leakage currents dominate and the output voltage rises.
A 10mA minimum load current is necessary for proper regulation.
Transient Response and 3.3V to 2.5V Conversion
The LM39300/1/2 has excellent transient response to varia-tions in input voltage and load current. The device has
been designed to respond quickly to load current variations and input voltage variations. Large output capacitors are
not required to obtain this performance. A standard 47F output capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even further.By virtue of its low-dropout voltage, this device does not
saturate into dropout as readily as similar NPN-based de-signs. When converting from 3.3V to 2.5V, the NPN-based
regulators are already operating in dropout, with typical dropout requirements of 1.2V or greater. To convert down to
2.5V without operating in dropout, NPN-based regulators require an input voltage of 3.7V at the very least. The
LM39300/1/2 regulator will provide excellent performance with an input as low as 3.0V. This gives the PNP-based
regulators a distinct advantage over older, NPN-based linear regulators.
Error Flag
The LM39301 version features an error flag circuit which monitors the output voltage and signals an error condition
when the voltage drops 5% below the nominal output voltage. The error flag is an open-collector output that can sink
10mA during a fault condition.Low output voltage can be caused by a number of problems, including an overcurrent
fault (device in current limit) or low input voltage. The flag is inoperative during overtemperature shutdown.
Enable Input
The LM39301 version features an enable input for on/off control of the device. Its shutdown state draws “zero” current
(only microamperes of leakage). The enable input is TTL/ CMOS compatible for simple logic interface, but can be
connected to up to 20V. When enabled, it draws approxi-mately 15A.
Adjustable Regulator Design
The LM39302 allows programming the output voltage any-where between 1.25V and the 16V maximum operating
rating of the family. Two resistors are used. Resistors can be quite large, up to 1MΩ, because of the very high input
impedance and low bias current of the sense comparator: The resistor values are calculated by :
R1=R2(Vout/1.250-
1)
Where VO is the desired output voltage. Figure 1 shows component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load current required for proper operation (see below).


Similar Part No. - LM39301T-5.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39301T HTC-LM39301T Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results

Similar Description - LM39301T-5.0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
   3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com