Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTE16246 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTE16246
Description  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16246 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ABTE16246 Datasheet HTML 4Page - Texas Instruments SN74ABTE16246 Datasheet HTML 5Page - Texas Instruments SN74ABTE16246 Datasheet HTML 6Page - Texas Instruments SN74ABTE16246 Datasheet HTML 7Page - Texas Instruments SN74ABTE16246 Datasheet HTML 8Page - Texas Instruments SN74ABTE16246 Datasheet HTML 9Page - Texas Instruments SN74ABTE16246 Datasheet HTML 10Page - Texas Instruments SN74ABTE16246 Datasheet HTML 11Page - Texas Instruments SN74ABTE16246 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227J – JULY 1993 – REVISED AUGUST 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLH1
tPLH2
A
B
A
Device 1
Y1
Y2
Yn
tsk(o)
tsk(temp)
In
tsk(load)
tPHL1
Device
1 – Y1
Device
1 – Yn
Device
n – Yn
B
Device n
Y1
Y2
Yn
NOTES: A. Pulse skew, tsk(p), is defined as the difference in propagation-delay times tPLH1 and tPHL1 on the same terminal at identical
operating conditions.
B. Output skew, tsk(o), is defined as the difference in propagation delay of any two outputs of the same device switching in the same
direction (e.g., |tPLH1 – tPLH2|) .
C. Temperature skew, tsk(temp), is the output skew of two devices, both having the same value of VCC ± 1% and with package
temperature differences of 20
°C.
D. Load skew, tsk(load), is measured with RX in Figure 2 at 13 Ω for one unit and 56 Ω for the other unit.
Figure 1. Voltage Waveforms for Extended Characteristics


Similar Part No. - SN74ABTE16246

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DGG TI-SN74ABTE16246DGG Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DL TI-SN74ABTE16246DL Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74ABTE16246

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTE16246 TI-SN54ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245 Datasheet
157Kb / 1P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
54ETL16245 NSC-54ETL16245 Datasheet
184Kb / 10P
   16-Bit Data Transceiver with Incident Wave Switching
logo
Texas Instruments
SN74ALS758 TI1-SN74ALS758 Datasheet
108Kb / 6P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER WITH OPEN-COLLECTOR OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com