Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM29150RS-12 Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM29150RS-12
Description  1.5A Very L.D.O Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29150RS-12 Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  LM29150RS-12 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29150RS-12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/1/2/3
Minimum Load Current
The LM29150 regulators are specified between finite loads. If the output is too small, leakage
currents is too small, leakage currents dominate and the output voltage rises. The 5mA minimum
load current swamps any expected leakage current across the operating temperature range.
Adjustable Regulator Design
Figure 4.
Adjustable Regulator with Resistors
The adjustable regulator versions, LM29152 and LM29153, allow programming the output voltage
anywhere between 1.25V and the 26V maximum operating rating of the family.
Two resistors are used. Resistors can be quite large, up to 1MΩ, because of the very high input
impedance and low bias current of the sense comparator: The resistor values are calculated by:
Where is VO the desired output voltage. Figure 4 shows component definition. Applications with
widely varying load currents may scale the resistors to draw the minimum load current required for
proper operation.
Error Flag
LM29151 and LM29153 versions feature and Error Flag, which looks at the output voltage and
signals and error condition when this voltage and signals an error condition when this voltage
drops 5% below its expected value. The error flag is an open-collector output that pulls low
under fault conditions. It may sink 10mA. Low output voltage signifies a number of possible
problems, including an over-current fault (the device is in current limit) and low input voltage.
The flag output is inoperative during over temperature shutdwon conditions.
Enable input
LM29151 and LM29152 versions feature and enable (EN) input that allows ON/OFF control of the
device. Special design allows "zero" current drain when the device is disabled-only microamperes
of leakage current flows. The EN input has TTL/CMOS compatible thresholds for simple interfacing
with logic, or may be directly tied to ≤ 30V. Enabling the regulator requires approximately 20uA of
current.
Mar. 2006-Rev06
HTC
98
VOUT=1.240V x [ 1+(R1/R2)]


Similar Part No. - LM29150RS-12

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29150RS-12 HTC-LM29150RS-12 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150RS-12 HTC-LM29150RS-12 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29150RS-12

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com