Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM317CM Datasheet(HTML) 5 Page - Vishay Siliconix

Part No. LM317CM
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

LM317CM Datasheet(HTML) 5 Page - Vishay Siliconix

  LM317CM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
Part Number
Vishay Semiconductor
Document Number 74809
www.vishay.com
29-Nov-01
5
20
40
60
80
100
510
15
20
25
30
35
40
Fig. 11 – Ripple Rejection
vs. Output Voltage
Vo -- Output Voltage (V)
010
20
30
40
t -- Time (
µs)
0
0.5
1.0
0
0.5
1.0
1.5
--1.5
--1.0
--0.5
0
0
VI -- Vo = 5V
IL = 500mA
f = 120HZ
TJ = 25°C
CAdj = 10
µF
Without CAdj
20
40
60
80
100
100
1K
100K
10K
1M
Fig. 13 – Ripple Rejection
vs. Frequency
f -- Frequency (Hz)
0
10
IL = 500mA
VI = 15V
Vo = 10V
TJ = 25°C
CAdj = 10
µF
Without CAdj
20
40
60
80
100
120
140
0.01
0.1
10
1
Fig. 12 – Ripple Rejection
vs. Output Current
Io -- Output Current (A)
0
VI = 15V
Vo = 10V
f = 120HZ
TJ = 25°C
CAdj = 10
µF
Without CAdj
10
--3
10
--2
10
--1
10
0
10
1
100
1K
100K
10K
1M
Fig. 14 – Output Impedance
f -- Frequency (Hz)
10
VI = 15V
Vo = 10V
IL = 500mA
TJ = 25°C
Vo = 10V
IL = 50mA
TJ = 25°C
Without CAdj
CAdj = 10
µF
CL = 1
µF CAdj = 10µF
CL = 0
Without CAdj
VI
010
20
30
40
t -- Time (
µs)
0
0.5
1.0
1.5
0
1
2
3
--3
--2
--1
VI = 15V
Vo = 10V
INL = 50mA
TJ = 25°C
CL = 1
µF CAdj = 10µF
CL = 0 Without CAdj
IL
Fig. 16 – Load Transient Response
Fig. 15 – Line Transient Response
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn