Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM317CM Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. LM317CM
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM317CM Datasheet(HTML) 2 Page - Vishay Siliconix

  LM317CM Datasheet HTML 1Page - Vishay Siliconix LM317CM Datasheet HTML 2Page - Vishay Siliconix LM317CM Datasheet HTML 3Page - Vishay Siliconix LM317CM Datasheet HTML 4Page - Vishay Siliconix LM317CM Datasheet HTML 5Page - Vishay Siliconix LM317CM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number
Vishay Semiconductor
www.vishay.com
Document Number 74809
2
29-Nov-01
Electrical Characteristics – LM317
Vi -Vo =5V, Io = 0.5A, TJ = Tlow to Thigh (see Note 1), Imax and Pmax per Note 2, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Line Regulation (Fig. 1)(3)
REGline
TA = 25°C
0.01
0.04
%Vo/V
3.0V
≤ VI – Vo ≤ 40V
TJ = 0°C thru 125°C
0.02
0.07
Load Regulation (Fig. 2)(3)
REGload
Vo
≤ 5.0
525
mV
TJ = 25°C, 10mA
≤ Io ≤ 1.5A
Vo
≥ 5.0
0.1
0.5
%Vo
Load Regulation (Fig. 2)(3)
REGload
Vo
≤ 5.0
20
70
mV
10mA
≤ Io ≤ 1.5A
Vo
≥ 5.0
0.3
1.5
%Vo
Thermal Regulation
REGtherm
TJ = 25°C, 20ms Pulse
0.03
0.07
%Vo/W
Adjustment Pin Current (Fig. 3)
IAdj
50
100
µA
Adjustment Pin Current Change
∆IAdj
10mA
≤ IL ≤ 1.5A
0.2
5
µA
2.5V
≤ VI – Vo ≤ 40V
Reference Voltage (Fig. 3)(4)
Vref
10mA
≤ Io ≤ 1.5A
1.225
1.25
1.275
V
3V
≤ VI – Vo ≤ 40V
Temperature Stability (Fig. 3)
TS
Tlow
≤ TJ ≤ Thigh
1
%Vo
Min. Load Current to Maintain Regulation (Fig. 3)
ILmin
VI – Vo = 40V
3.5
10
mA
Maximum Output Current (Fig. 3)
Imax
VI – Vo
≤ 15V
1.5
2.2
A
VI – Vo = 40V, TJ = 25°C
0.15
0.4
RMS Noise, % of Vo
N
TJ = 25°C, 10HZ
≤ f ≤ 10KHZ
0.003
%Vo
Ripple Rejection (Fig. 4)
RR
Vo = 10V, f = 120HZ
(5)
65
dB
CAdj = 10
µF66
80
Long-Term Stability (after 1000 hr) Fig. 3
S
TJ = 125°C
(6)
, TJ = 25°C for
0.3
1.0
%
Endpoint Measurements
Thermal Resistance Junction to Case
R
θJC
Tlow
≤ TJ ≤ Thigh
5.0
–°C/W
Notes:
(1) Tlow = 0°C Thigh = 125°C
(2) Imax = 1.5A Pmax : TO-220 = 2W, TO-263 = 2W
(3) Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
(4) Selected devices with tightened tolerance reference voltage available.
(5) CAdj, when used, is connected between the addjustment pin and ground.
(6) Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot to lot.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn