Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM2070 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # OM2070
Description  Wideband amplifier module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM2070 Datasheet(HTML) 8 Page - NXP Semiconductors

  OM2070 Datasheet HTML 1Page - NXP Semiconductors OM2070 Datasheet HTML 2Page - NXP Semiconductors OM2070 Datasheet HTML 3Page - NXP Semiconductors OM2070 Datasheet HTML 4Page - NXP Semiconductors OM2070 Datasheet HTML 5Page - NXP Semiconductors OM2070 Datasheet HTML 6Page - NXP Semiconductors OM2070 Datasheet HTML 7Page - NXP Semiconductors OM2070 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1995 Nov 14
8
Philips Semiconductors
Product specification
Wideband amplifier module
OM2070
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - OM2070

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM2070B PHILIPS-OM2070B Datasheet
43Kb / 7P
   Wideband amplifier module
1995 Nov 29
More results

Similar Description - OM2070

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM2070B PHILIPS-OM2070B Datasheet
43Kb / 7P
   Wideband amplifier module
1995 Nov 29
OM2045 PHILIPS-OM2045 Datasheet
314Kb / 6P
   Wideband amplifier module
1995 Nov 10
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C038 HITTITE-HMC-C038 Datasheet
301Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 2 - 35 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com