Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA131UJ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131UJ
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131UJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA131UJ Datasheet HTML 7Page - Texas Instruments OPA131UJ Datasheet HTML 8Page - Texas Instruments OPA131UJ Datasheet HTML 9Page - Texas Instruments OPA131UJ Datasheet HTML 10Page - Texas Instruments OPA131UJ Datasheet HTML 11Page - Texas Instruments OPA131UJ Datasheet HTML 12Page - Texas Instruments OPA131UJ Datasheet HTML 13Page - Texas Instruments OPA131UJ Datasheet HTML 14Page - Texas Instruments OPA131UJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
OPA131P
OBSOLETE
PDIP
P
8
None
Call TI
Call TI
OPA131PA
OBSOLETE
PDIP
P
8
None
Call TI
Call TI
OPA131PJ
OBSOLETE
PDIP
P
8
None
Call TI
Call TI
OPA131U
ACTIVE
SOIC
D
8
100
None
CU SNPB
Level-2-220C-1 YEAR
OPA131U/2K5
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-2-220C-1 YEAR
OPA131UA
ACTIVE
SOIC
D
8
100
None
CU SNPB
Level-2-220C-1 YEAR
OPA131UA/2K5
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-3-235C-168 HR
OPA131UJ
ACTIVE
SOIC
D
8
100
None
CU SNPB
Level-3-235C-168 HR
OPA131UJ/2K5
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-3-235C-168 HR
OPA2131PA
OBSOLETE
PDIP
P
8
None
Call TI
Call TI
OPA2131PJ
OBSOLETE
PDIP
P
8
None
Call TI
Call TI
OPA2131UA
ACTIVE
SOIC
D
8
100
None
CU SNPB
Level-3-220C-168 HR
OPA2131UA/2K5
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-3-220C-168 HR
OPA2131UJ
ACTIVE
SOIC
D
8
100
None
CU SNPB
Level-3-220C-168 HR
OPA2131UJ/2K5
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-3-220C-168 HR
OPA4131NA
ACTIVE
SOIC
D
14
58
None
CU SNPB
Level-3-220C-168 HR
OPA4131NJ
ACTIVE
SOIC
D
14
58
None
CU SNPB
Level-3-235C-168 HR
OPA4131PA
ACTIVE
PDIP
N
14
25
None
Call TI
Level-NA-NA-NA
OPA4131PJ
ACTIVE
PDIP
N
14
25
None
Call TI
Level-NA-NA-NA
OPA4131UA
ACTIVE
SOIC
DW
16
48
None
CU SNPB
Level-3-260C-168 HR
OPA4131UA/1K
ACTIVE
SOIC
DW
16
1000
None
CU SNPB
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
5-Jan-2005
Addendum-Page 1


Similar Part No. - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA131UJ BURR-BROWN-OPA131UJ Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA131UJ TI-OPA131UJ Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ TI1-OPA131UJ Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ/2K5 TI1-OPA131UJ/2K5 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ2K5 TI-OPA131UJ2K5 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com