Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK14583VTL-G Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK14583VTL-G
Description  Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK14583VTL-G Datasheet(HTML) 2 Page - TOKO, Inc

  TK14583VTL-G Datasheet HTML 1Page - TOKO, Inc TK14583VTL-G Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER&RF
2005 SPRING
ELECTRICAL CHARCTERISTICS
V
CC=3V, fin=250MHz, fm=1kHz, Mod.=±100kHz, fOSC=239.3MHz, VOSC=-10dBm, TA=25°C
Value
Parameter
項目
Symbol
記号
MIN
TYP
MAX
Units
単位
Conditions
条件
Supply Current 1
電源電流
1
I
CC1
3.5
5.6
7.8
mA
None Input
無入力
Supply Current 2
電源電流
2I
CC2
0
10
25
µA
None Input
B.S=on
無入力
Output Voltage 1
出力電圧
1V
O1
60
100
180
mVrms
-30dBm Input
-30dBm入力
Distortion
全高調波歪率
THD
0
1
3
%
-30dBm Input
-30dBm入力
Signal-to-Noise Ratio
信号対雑音比
S/N
54
60
70
dB
-30dBm Input
-30dBm入力
12dB SINAD Sensitivity
12dB SINAD感度
SINAD
-11
-91
-85
dBm
Mixer Transfer Gain
ミキサ変換利得
G
M
23
29
35
dB
Mixer 3rd Order Intercept ミキサ3次インタセプトポイント
V
ICP
-10
-4
+2
dBm
Mixer Input Resistance
ミキサ入力抵抗
R
IM
2.5
3.3
4.1
Mixer Output Impedance ミキサ出力インピーダンス
Z
OM
250
330
410
Ω
Limiter Input Resistance リミッタ入力抵抗
R
IFIN
250
330
410
Ω
Limiter Gain
リミッタ利得
G69
75
82
dB
Output Voltage 2
出力電圧
2
V
O2
350
500
650
Mv
P-P
RSSI Output Voltage 1
RSSI出力電圧1V
RSSI1
0.00
0.20
0.40
V
None Input
無入力
RSSI Output Voltage 2
RSSI出力電圧2V
RSSI2
0.45
0.60
0.75
V
-75dBm None-mod. Input-75dBm入力, 無変調
RSSI Output Voltage 3
RSSI出力電圧3V
RSSI3
1.05
1.20
1.35
V
-50dBm None-mod. Input-50dBm入力, 無変調
RSSI Output Voltage 4
RSSI出力電圧4
V
RSSI4
1.35
1.55
1.80
V
-25dBm None-mod. Input-25dBm入力, 無変調
Comparator Duty Ratioコンパレータデューティ比
D
R
45
50
55
%
Comparator Output Current コンパレータ出力電流
I
O
13
6
mA
OPAMP Freq. Band Width オペアンプ周波数帯域幅
B
1.5
2.5
5.0
MHz
Gain=1, -3dB Pointゲイン=1, -3dB点
OPAMP Output Amplitude
オペアンプ出力振幅
vo
1.0
1.5
2.8
V
P-P
Gain=1,fin=50kHzゲイン=1, fin=50kHz
BLOCK DIAGRAM
on
13
14
15
16
17
18
19
20
21
22
23
24
OP AMP
IN
100
100p
DET
OUT
Vcc
836BN-0541TY
(TOKO)
1p
RSSI OUT
Vcc
4.7
µF
0.01
µF
B.S.
0.01
µF
~ RF IN
0.01
µF
50
BIAS
Mixer
GND
IF
V
CC
IF
GND
MIXER
RSSI
DET
AMP
9
12
11
10
OP AMP
OUT
8
7
6
5
LIMITER
4
3
2
1
OSC
Mixer
V
CC
COMP
COMP
IN
10k
10k
0.01
µF
COMP
OUT
3k
COMP
V
CC
0.01
µF
0.01
µF
ESK107MA-AE-10(TOKO)
Vcc
4.7
µF
0.01
µF
OSC IN
0.01
µF
50


Similar Part No. - TK14583VTL-G

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14584M TOKO-TK14584M Datasheet
196Kb / 20P
   FM IF IC
TK14584M/584 TOKO-TK14584M/584 Datasheet
196Kb / 20P
   FM IF IC
TK14584MTL TOKO-TK14584MTL Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results

Similar Description - TK14583VTL-G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2295A NJRC-NJM2295A Datasheet
297Kb / 7P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295AV-TE1 NJRC-NJM2295AV-TE1 Datasheet
148Kb / 6P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295A NJRC-NJM2295A_1 Datasheet
148Kb / 6P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
[Old version datasheet]   Tire Pressure Monitoring System TX Module
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
RF Micro Devices
DK1000R RFMD-DK1000R Datasheet
171Kb / 6P
   315MHZ REMOTE KEYLESS ENTRY RECEIVER
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
   Automotive Remote Keyless Entry (RKE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com