Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2522 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BU2522
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522 Datasheet(HTML) 6 Page - NXP Semiconductors

  BU2522 Datasheet HTML 1Page - NXP Semiconductors BU2522 Datasheet HTML 2Page - NXP Semiconductors BU2522 Datasheet HTML 3Page - NXP Semiconductors BU2522 Datasheet HTML 4Page - NXP Semiconductors BU2522 Datasheet HTML 5Page - NXP Semiconductors BU2522 Datasheet HTML 6Page - NXP Semiconductors BU2522 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522A
MECHANICAL DATA
Dimensions in mm
Net Mass: 5 g
Fig.17. SOT93; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for SOT93 envelope.
2. Epoxy meets UL94 V0 at 1/8".
2 max
12.7
max
2
4.6
max
21
max
0.4
1.6
0.5
min
13.6
min
4.4
5.5
1.15
0.95
11
0.5 M
2.2 max
dimensions within
this zone are
uncontrolled
12
3
4.25
4.15
13.6
14
15.2
max
November 1995
6
Rev 1.100


Similar Part No. - BU2522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2522 PHILIPS-BU2522 Datasheet
73Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 2.300
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2522A ISC-BU2522A Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
NXP Semiconductors
BU2522AF PHILIPS-BU2522AF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.400
More results

Similar Description - BU2522

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com