Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL40R-P-11M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DL40R-P-11M
Description  MINI THROUGH BEAM SENSOR with separate amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DL40R-P-11M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DL40R-P-11M Datasheet HTML 1Page - List of Unclassifed Manufacturers DL40R-P-11M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
Measurements in mm. Subject to technical change.
03/02
PART DESIGNATION
10.0
ø4.0
10.0
M5x0.5
2.0
M2
6.0
5.0
1.5
Please remember, for correct operation, a separate amplifier is required.
jacket material
P: PUR-cable black
Ø1,8mm
F: highly flexible PUR-cable red Ø1,1mm
DL40
_
_
:
connector
0: M8 - connector 3 pin, female
1: 719 - Binder connector
(see page Options and Accessories)
ORDER EXAMPLE:
DL40R-P-0:1m = DL40 Red light - PUR-cable black - M8, 3 pin female: (cable length1m x 2)
light type
R: Red light
(blank): Infrared light
cable length (specifications in [m] )
standard length 1m
special cable length
DL40
DLM50
DLV60


Similar Part No. - DL40R-P-11M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL400 ETC-DL400 Datasheet
100Kb / 6P
   VME Basismodul
logo
SHENZHEN YONGERJIA INDU...
DL4001 WINNERJOIN-DL4001 Datasheet
174Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diodes Incorporated
DL4001 DIODES-DL4001 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
Microdiode Electronics ...
DL4001 CHENDA-DL4001 Datasheet
794Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - DL40R-P-11M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
SICK AG
WSWE2F-F110 SICK-WSWE2F-F110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-N110 SICK-WSWE2F-N110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P210 SICK-WSWE2F-P210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3230 SICK-WSE2S-2P3230 Datasheet
690Kb / 6P
   Through-beam photoelectric sensor
WSE8-N2231 SICK-WSE8-N2231 Datasheet
499Kb / 4P
   Through-beam photoelectric sensor
WSE9-3P1130 SICK-WSE9-3P1130 Datasheet
881Kb / 7P
   Through-beam photoelectric sensor
WE100-2N3439 SICK-WE100-2N3439 Datasheet
814Kb / 7P
   Through-beam photoelectric sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com