Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53519 Datasheet(PDF) 11 Page - Analog Devices

Part # AD53519
Description  Preliminary Technical Data
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53519 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD53519 Datasheet HTML 5Page - Analog Devices AD53519 Datasheet HTML 6Page - Analog Devices AD53519 Datasheet HTML 7Page - Analog Devices AD53519 Datasheet HTML 8Page - Analog Devices AD53519 Datasheet HTML 9Page - Analog Devices AD53519 Datasheet HTML 10Page - Analog Devices AD53519 Datasheet HTML 11Page - Analog Devices AD53519 Datasheet HTML 12Page - Analog Devices AD53519 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD53519
+
-
VIN
-5.2 V
AD53519
HOW TO INTERFACE AN ECL OUTPUT TO AN INSTRUMENT WITH A 50 OHM
TO GROUND INPUT
30
127
127
30
50
50
Figure 11
ESD PROTECTION CIRCUITS
All input and output pins contain ADI Proprietary ESD
protection diodes.
INPUT
EQUIVALENT ESD
PROTECTION CIRCUIT
VEE
VCC
Figure 12
ESD WARNING!!! ESD (Electrostatic
discharge) sensitive device. Electrostatic
charges as high as 4000 V readily accumulate
on the human body and test equipment and
can discharge without detection. Although
the AD53519 features proprietary ESD
protection circuitry, permanent damage may
occur on devices subjected to high energy
electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid
performance degradation or loss of
functionality.
TYPICAL PERFORMANCE CHARACTERISTICS (VCC = +5.0V, VEE = -5.20V, TA = +25°C UNLESS OTHERWISE
NOTED)
Title
0
0
0
00
0
00
00
POSSIBLE CHARTS TO BE ADDED.
REV. Pr J July 22, 2002
- 11 -


Similar Part No. - AD53519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53513 AD-AD53513 Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513JSQ AD-AD53513JSQ Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
   Quad Ultrahigh-Speed Pin Driver
REV. 0
More results

Similar Description - AD53519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD5263 AD-AD5263 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com