Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2694SD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2694SD
Description  30V, 600 mA Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694SD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2694SD Datasheet HTML 2Page - National Semiconductor (TI) LM2694SD Datasheet HTML 3Page - National Semiconductor (TI) LM2694SD Datasheet HTML 4Page - National Semiconductor (TI) LM2694SD Datasheet HTML 5Page - National Semiconductor (TI) LM2694SD Datasheet HTML 6Page - National Semiconductor (TI) LM2694SD Datasheet HTML 7Page - National Semiconductor (TI) LM2694SD Datasheet HTML 8Page - National Semiconductor (TI) LM2694SD Datasheet HTML 9Page - National Semiconductor (TI) LM2694SD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical Performance Characteristics
20187004
FIGURE 1. V
CC vs VIN
20187005
FIGURE 2. V
CC vs ICC
20187006
FIGURE 3. I
CC vs Externally Applied VCC
www.national.com
6


Similar Part No. - LM2694SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2694SD/NOPB TI-LM2694SD/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
More results

Similar Description - LM2694SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com