Electronic Components Datasheet Search |
|
BYC10-600CT Datasheet(PDF) 2 Page - NXP Semiconductors |
|
BYC10-600CT Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 6 page Philips Semiconductors Product specification Rectifier diode BYC10-600CT ultrafast, low switching loss ELECTRICAL CHARACTERISTICS T j = 25 ˚C, per diode unless otherwise stated SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT V F Forward voltage I F = 5 A; Tj = 150˚C - 1.4 1.75 V I F = 10 A; Tj = 150˚C - 1.75 2.2 V I F = 5 A; - 2.0 2.8 V I R Reverse current V R = 600 V - 9 100 µA V R = 500 V; Tj = 100 ˚C - 0.9 3.0 mA t rr Reverse recovery time I F = 1 A; VR = 30 V; dIF/dt = 50 A/µs - 30 50 ns t rr Reverse recovery time I F = 5 A; VR = 400 V; - 19 - ns dI F/dt = 500 A/µs t rr Reverse recovery time I F = 5 A; VR = 400 V; - 25 30 ns dI F/dt = 500 A/µs; Tj = 125˚C I rrm Peak reverse recovery current I F = 5 A; VR = 400 V; - 0.7 3 A dI F/dt = 50 A/µs; Tj = 125˚C I rrm Peak reverse recovery current I F = 5 A; VR = 400 V; - 8 11 A dI F/dt = 500 A/µs; Tj = 125˚C V fr Forward recovery voltage I F = 10 A; dIF/dt = 100 A/µs- 9 11 V Fig.1. Typical application, output rectifier in boost converter power factor correction circuit. Continuous conduction mode, where the transistor turns on whilst forward current is still flowing in the diode. Fig.2. Typical application, freewheeling diode in half bridge converter. Continuous conduction mode, where each transistor turns on whilst forward current is still flowing in the other bridge leg diode. Vin Vo = 400 V d.c. 500 V MOSFET IL 150 uH ID OUTPUT DIODE typ Vin Vin = 400 V d.c. inductive load IF IR IL October 1999 2 Rev 1.000 |
Similar Part No. - BYC10-600CT |
|
Similar Description - BYC10-600CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |