Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3822 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3822
Description  3.3V, 2.5Gbps Quad Limiting Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3822 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3822 Datasheet HTML 2Page - Maxim Integrated Products MAX3822 Datasheet HTML 3Page - Maxim Integrated Products MAX3822 Datasheet HTML 4Page - Maxim Integrated Products MAX3822 Datasheet HTML 5Page - Maxim Integrated Products MAX3822 Datasheet HTML 6Page - Maxim Integrated Products MAX3822 Datasheet HTML 7Page - Maxim Integrated Products MAX3822 Datasheet HTML 8Page - Maxim Integrated Products MAX3822 Datasheet HTML 9Page - Maxim Integrated Products MAX3822 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
The MAX3822 is a 2.5Gbps quad limiting amplifier
designed for fiber applications with input sensitivities
as low as 20mVp-p. This device has internally terminat-
ed CML inputs with loss-of-power circuitry for each
channel, as well as a general loss-of-power indicator
valid for the whole part. Offset correction ensures low
pulse-width distortion (PWD) and reduced pattern-
dependent jitter (PDJ). A channel-select (CS) pin is
used to control the device’s mode of operation as sin-
gle, dual, or quad.
The inputs of the MAX3822 are typically connected to a
transimpedance amplifier (TIA) (MAX3825) found within
a fiber-optic link. The output signal from a TIA can con-
tain significant amounts of noise, and may vary in
amplitude over time. The MAX3822 limiting amplifier
quantizes the input signal, and outputs a voltage-limit-
ed waveform over a 40dB input dynamic range. Signal
input to this device passes through a buffer to a linear-
gain amplifier. This linear-gain amplifier (Figure 1) dri-
ves the power-detection circuitry and a chain of limiting
amplifiers leading to the CML output buffer.
The power-detection circuitry is used to indicate that
the data input voltage has fallen below the pro-
grammed threshold level. Each individual channel has
a power detector output (LOP1, LOP2, LOP3, LOP4).
The LOP output is low when any of the individual power-
detector outputs are low. A threshold adjustment pin
(VTH) programs the signal-detect threshold for all four
channels with a single external resistor. The offset-cor-
rection loop adjusts the input buffer bias until the CML
output buffer has a zero offset. This offset-correction
loop acts as a high-pass filter where signal components
below 150kHz are attenuated.
Input Buffer and Gain Stages
The MAX3822’s inputs are terminated with 50
Ω to VCC
(Figure 2). The inputs do not need to be AC-coupled if
the upstream TIA has CML outputs, but should be AC-
coupled if the differential logic levels are in any other
format. The differential input signal is passed through a
buffer, and then continues through two sets of differen-
tial amplifiers, each with an emitter-follower output
stage. The first differential amplifier provides approxi-
mately 10dB gain and a linear output for input signals
+3.3V, 2.5Gbps Quad Limiting Amplifier
6
_______________________________________________________________________________________
PIN
NAME
DESCRIPTION
26
OUT4+
Noninverted Data Output for Channel 4
28
OUT3-
Inverted Data Output for Channel 3
29
OUT3+
Noninverted Data Output for Channel 3
32
OUT2-
Inverted Data Output for Channel 2
33
OUT2+
Noninverted Data Output for Channel 2
35
OUT1-
Inverted Data Output for Channel 1
36
OUT1+
Noninverted Data Output for Channel 1
38
VTH
A resistor connected from this pin to ground sets the data input signal level at which the loss-of-
power outputs will be asserted.
41
CS
Channel-Select Input. To enable channel 1 only, leave CS open. To enable channels 1 and 2,
connect CS to VCC. To enable all four channels, connect CS to GND.
43
CZ2-
A capacitor connected between this pin and CZ2+ extends the time constant for the offset-
correction loop associated with channel 2. Maxim recommends a capacitor value of 0.033µF.
44
CZ2+
A capacitor connected between this pin and CZ2- extends the time constant for the offset-
correction loop associated with channel 2. Maxim recommends a capacitor value of 0.033µF.
46
CZ1-
A capacitor connected between this pin and CZ1+ extends the time constant for the offset-
correction loop associated with channel 1. Maxim recommends a capacitor value of 0.033µF.
47
CZ1+
A capacitor connected between this pin and CZ1- extends the time constant for the offset-
correction loop associated with channel 1. Maxim recommends a capacitor value of 0.033µF.
EP
Exposed
Pad
Ground. This must be soldered to a circuit board for proper thermal and electrical performance (see
Exposed Pad (EP) Package).
Pin Description (continued)


Similar Part No. - MAX3822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822U/D MAXIM-MAX3822U/D Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822UCM MAXIM-MAX3822UCM Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822UCM++ MAXIM-MAX3822UCM+ Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results

Similar Description - MAX3822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
logo
Micrel Semiconductor
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
   3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com