Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3822UCM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3822UCM
Description  3.3V, 2.5Gbps Quad Limiting Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3822UCM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3822UCM Datasheet HTML 4Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 5Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 6Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 7Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 8Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 9Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 10Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 11Page - Maxim Integrated Products MAX3822UCM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
stage of the MAX3822, including package capacitance
and bond-wire inductance. The additional 0.4pF
capacitance on the output represents the ESD diode’s
junction capacitance and a small contribution by the
bond pad. For more information about the CML electri-
cal specifications and interfacing to other protocols,
refer to Application Note HFAN-1.0, Introduction to
LVDS, PECL, and CML.
Offset Correction
Each limiting amplifier on the MAX3822 provides
approximately 50dB of gain. An input offset as small as
1mV reduces the power-detection circuitry’s accuracy
and may cause deterministic jitter through an increase
of PWD.
Each of the MAX3822’s integrated limiting amplifiers
includes a DC cancellation loop that provides offset
correction to the CML output signal in addition to low-
frequency power-supply noise rejection. The DC can-
cellation loop consists of a low-pass filter and a
high-gain amplifier. The input voltage difference of the
CML output buffer is amplified, sent through a low-pass
filter, inverted, and summed up with the input signal
that drives the high-gain input stage. This removes from
the output signal all frequency components between
the cutoff frequency and DC. The low-frequency cutoff
of the DC cancellation loop is set by an external capac-
itor connected between CZ_+ and CZ_-.
Power Detection and Threshold Control
The MAX3822 incorporates a chatter-free loss-of-power
function that is used to determine if the input signal has
dropped below the programmed threshold level. The
power detector is implemented by comparing the DC-
rectified output of the first gain stage to the pro-
grammed loss-of-power threshold.
The threshold control circuitry enables programming of
LOP_ assert and deassert reference voltages by using
one external resistor, RTH (Figure 4). An internal amplifi-
er guarantees a voltage at VTH of approximately 0.5V.
The external resistor (RTH) connected to GND converts
this voltage into a current. The current through this
resistor sets the power threshold level for the device
(see Typical Operating Characteristics, Loss-of-Power
Threshold Level vs. RTH).
+3.3V, 2.5Gbps Quad Limiting Amplifier
8
_______________________________________________________________________________________
50
50
ESD
DIODES
GND
VCC
IN+
IN-
0.4pF
0.4pF
1.5nH
1.5nH
0.2pF
0.2pF
DIE
PACKAGE
Figure 2. Input Structure
OUT-
OUT+
0.2pF
0.2pF
1.5nH
1.5nH
0.4pF
0.4pF
VCC
ESD
DIODES
50
GND
DIE
PACKAGE
50
Figure 3. Output Structure


Similar Part No. - MAX3822UCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822UCM MAXIM-MAX3822UCM Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822UCM++ MAXIM-MAX3822UCM+ Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results

Similar Description - MAX3822UCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
logo
Micrel Semiconductor
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
   3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com