Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4032C Datasheet(PDF) 62 Page - Lattice Semiconductor

Part # LC4032C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4032C Datasheet(HTML) 62 Page - Lattice Semiconductor

Back Button LC4032C Datasheet HTML 58Page - Lattice Semiconductor LC4032C Datasheet HTML 59Page - Lattice Semiconductor LC4032C Datasheet HTML 60Page - Lattice Semiconductor LC4032C Datasheet HTML 61Page - Lattice Semiconductor LC4032C Datasheet HTML 62Page - Lattice Semiconductor LC4032C Datasheet HTML 63Page - Lattice Semiconductor LC4032C Datasheet HTML 64Page - Lattice Semiconductor LC4032C Datasheet HTML 65Page - Lattice Semiconductor LC4032C Datasheet HTML 66Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
62
-
1
-
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
E15
1
NC
-
NC
-
NC
-
KX6
KX^3
G12
1
NC
-
NC
-
EX10
EX^5
KX8
KX^4
E13
1
NC
-
NC
-
EX8
EX^4
KX10
KX^5
D16
1
NC
-
N0
N^0
CX4
CX^2
IX8
IX^4
E14
1
NC
-
N1
N^1
CX6
CX^3
IX12
IX^6
G11
1
N0
N^0
N2
N^2
FX0
FX^0
NX0
NX^0
D15
1
N2
N^1
N3
N^3
FX2
FX^1
NX2
NX^1
F11
1
N4
N^2
N4
N^4
FX4
FX^2
NX4
NX^2
C16
1
N6
N^3
N5
N^5
FX6
FX^3
NX6
NX^3
F12
1
N8
N^4
N6
N^6
FX8
FX^4
NX8
NX^4
D14
1
N10
N^5
N7
N^7
FX10
FX^5
NX10
NX^5
C15
1
N12
N^6
N8
N^8
FX12
FX^6
NX12
NX^6
B16
1
N14
N^7
N9
N^9
FX14
FX^7
NX14
NX^7
-
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
C14
-
TDO
-
TDO
-
TDO
-
TDO
-
--
VCC
-
VCC
-
VCC
-
VCC
-
--
GND
-
GND
-
GND
-
GND
-
-
1
-
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
A15
1
NC
-
NC
-
EX6
EX^3
KX12
KX^6
B14
1
NC
-
NC
-
EX4
EX^2
KX14
KX^7
E12
1
O14
O^7
O9
O^9
GX14
GX^7
OX14
OX^7
A14
1
O12
O^6
O8
O^8
GX12
GX^6
OX12
OX^6
C13
1
O10
O^5
O7
O^7
GX10
GX^5
OX10
OX^5
D13
1
O8
O^4
O6
O^6
GX8
GX^4
OX8
OX^4
E11
1
O6
O^3
O5
O^5
GX6
GX^3
OX6
OX^3
B13
1
O4
O^2
O4
O^4
GX4
GX^2
OX4
OX^2
F10
1
O2
O^1
O3
O^3
GX2
GX^1
OX2
OX^1
C12
1
O0
O^0
O2
O^2
GX0
GX^0
OX0
OX^0
E10
1
NC
-
O1
O^1
CX8
CX^4
MX0
MX^0
A13
1
NC
-
O0
O^0
CX10
CX^5
MX4
MX^2
D12
1
NC
-
NC
-
NC
-
LX0
LX^0
-
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
-
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
B12
1
NC
-
NC
-
NC
-
LX4
LX^2
A12
1
NC
-
NC
-
EX2
EX^1
LX8
LX^4
B11
1
NC
-
NC
-
EX0
EX^0
LX12
LX^6
A11
1
NC
-
P9
P^9
CX12
CX^6
MX8
MX^4
D10
1
NC
-
P8
P^8
CX14
CX^7
MX12
MX^6
C10
1
P14
P^7
P7
P^7
HX14
HX^7
PX14
PX^7
B10
1
P12
P^6
P6
P6
HX12
HX^6
PX12
PX^6
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4032C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C-10T44I LATTICE-LC4032C-10T44I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C-10T48I LATTICE-LC4032C-10T48I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C-10TN44I LATTICE-LC4032C-10TN44I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C-10TN48I LATTICE-LC4032C-10TN48I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C-25T44C LATTICE-LC4032C-25T44C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4032C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com