Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1705 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1705
Description  Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1705 Datasheet(HTML) 5 Page - Linear Technology

  LTC1705 Datasheet HTML 1Page - Linear Technology LTC1705 Datasheet HTML 2Page - Linear Technology LTC1705 Datasheet HTML 3Page - Linear Technology LTC1705 Datasheet HTML 4Page - Linear Technology LTC1705 Datasheet HTML 5Page - Linear Technology LTC1705 Datasheet HTML 6Page - Linear Technology LTC1705 Datasheet HTML 7Page - Linear Technology LTC1705 Datasheet HTML 8Page - Linear Technology LTC1705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC1705
5
ILOAD (A)
0
0.5
1
1.5
2
2.5
1705 G07
100
90
80
70
60
50
VIN = 5V, VOUT = 1.5V, TA = 25°C,
CORE DISABLED, QTIO = QBIO = NDS8926
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G09
24
22
20
18
16
14
12
10
VIN = 5V, VOUT = 1.6V, ∆VOUT = –1%,
RIMAXC = 24.9k, QTC = QBC = 2× FDS6670A
LOAD CURRENT (A)
0
4
8
12
16
20
1705 G10
2.0
1.5
1.0
0.5
0
TA = 25°C, VIN = 5V,
VOUT = 1.6V,
QBC = 2
× FDS6670A,
RIMAXC = 24.9k,
CRUNSS = 0.01µF
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G11
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
VINCLK = 3.3V
VINCLK (V)
3
3.5
4
4.5
5
5.5
6
1705 G12
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
TA = 25°C
1705 G13
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
IOUTCLK (mA)
–150
–125
–100
–75
–50
–25
0
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G14
500
450
400
350
300
250
200
150
100
IOUTCLK = –150mA
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G15
–150
–190
–230
–270
–310
–350
VINCLK = 3.3V
TYPICAL PERFOR A CE CHARACTERISTICS
I/O Supply Efficiency
VOUTC 0A To 10A Load Step
Current Limit Threshold vs
Temperature
0A TO 10A
LOAD
5A/DIV
VOUT = 1.6V
AC 50mV/
DIV
5ms/DIV
1705 G08
VOUTC vs Load Current
VOUTCLK vs Temperature
VOUTCLK Line Regulation
VOUTCLK Load Regulation
VOUTCLK Dropout Voltage vs
Temperature
VOUTCLK Short-Circuit Current vs
Temperature


Similar Part No. - LTC1705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1705 LINER-LTC1705_15 Datasheet
328Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
More results

Similar Description - LTC1705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1705 LINER-LTC1705_15 Datasheet
328Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com