Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV212M64 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MTV212M64
Description  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212M64 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV212M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212M64 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 6 -
2000/07/04
3. Chip Configuration
The Chip Configuration registers define the chip pins function, as well as the functional blocks' connection,
configuration and frequency.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
PADMOD
30h (w)
DA13E
DA12E
DA11E
DA10E
AD3E
AD2E
AD1E
AD0E
PADMOD
31h (w)
P56E
P55E
P54E
P53E
P52E
P51E
P50E
PADMOD
32h (w)
HIICE
IIICE
HLFVE
HLFHE
HCLPE
P42E
P41E
P40E
OPTION
33h (w)
PWMF
DIV253
FclkE
IICpass
ENSCL
Msel
MIICF1
MIICF0
OPTION
34h (w)
SlvAbs1 SlvAbs0
XBANK
35h (r/w)
Xbnk2
Xbnk1
Xbnk0
PADMOD (w) : Pad mode control registers. (All are "0" in Chip Reset)
DA13E = 1
→ pin “P2.7/DA13”is DA13.
= 0
→ pin “P2.7/DA13”is P2.7.
DA12E = 1
→ pin “P2.6/DA12”is DA12.
= 0
→ pin “P2.6/DA12”is P2.6.
DA11E = 1
→ pin “P2.5/DA11”is DA11.
= 0
→ pin “P2.5/DA11”is P2.5.
DA10E = 1
→ pin “P2.4/DA10”is DA10.
= 0
→ pin “P2.4/DA10”is P2.4.
AD3E
= 1
→ pin “P2.3/AD3”is AD3.
= 0
→ pin “P2.3/AD3”is P2.3.
AD2E
= 1
→ pin “P2.2/AD2”is AD2.
= 0
→ pin “P2.2/AD2”is P2.2.
AD1E
= 1
→ pin “P2.1/AD1”is AD1.
= 0
→ pin “P2.1/AD1”is P2.1.
AD0E
= 1
→ pin “P2.0/AD0”is AD0.
= 0
→ pin “P2.0/AD0”is P2.0.
P56E
= 1
→ pin “DA6/P5.6”is P5.6.
= 0
→ pin “DA6/P5.6”is DA6.
P55E
= 1
→ pin “DA5/P5.5”is P5.5.
= 0
→ pin “DA5/P5.5”is DA5.
00h
7Fh
80h
FFh
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=0)(Using
MOVX A,@Ri
instruction)
XFR
Accessible by
indirect external
RAM addressing
(Using
MOVX A,@Ri
instruction
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=1)(Using
MOVX A,@Ri
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=2)(Using
MOVX A,@Ri
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=3)(Using
MOVX A,@Ri
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=4)(Using
MOVX A,@Ri
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=5)(Using
MOVX A,@Ri
instruction)


Similar Part No. - MTV212M64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Similar Description - MTV212M64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com