Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-75F256AC Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LC4256C-75F256AC
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-75F256AC Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LC4256C-75F256AC Datasheet HTML 53Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 54Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 55Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 56Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 57Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 58Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 59Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 60Page - Lattice Semiconductor LC4256C-75F256AC Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
57
156
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
157
-
VCC
-
VCC
-
VCC
-
158
0
A0
A^0
A0
A^0
A0
A^0
159
0
A2/GOE0
A^1
A2/GOE0
A^1
A2//GOE0
A^1
160
0
A4
A^2
A4
A^2
A4
A^2
161
0
A6
A^3
A6
A^3
A6
A^3
162
0
A8
A^4
A8
A^4
A8
A^4
163
0
A10
A^5
A10
A^5
A10
A^5
164
0
A12
A^6
A12
A^6
A12
A^6
165
0
A14
A^7
A14
A^7
A14
A^7
166
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
167
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
168
0
B0
B^0
B0
B^0
B0
B^0
169
0
B2
B^1
B2
B^1
B2
B^1
170
0
B4
B^2
B4
B^2
B4
B^2
171
0
B6
B^3
B6
B^3
B6
B^3
172
0
B8
B^4
B8
B^4
B8
B^4
173
0
B10
B^5
B10
B^5
B10
B^5
174
0
B12
B^6
B12
B^6
B12
B^6
175
0
B14
B^7
B14
B^7
B14
B^7
176
-
VCC
-
VCC
-
VCC
-
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball fpBGA
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
--
----
VCC
-
VCC
-
--
GND
-
GND
-
GND
-
GND
-
C3
-
TDI
-
TDI
-
TDI
-
TDI
-
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
B1
0
C14
C^7
C9
C^9
C14
C^7
C14
C^7
F5
0
C12
C^6
C8
C^8
C12
C^6
C12
C^6
D3
0
C10
C^5
C7
C^7
C10
C^5
C10
C^5
C1
0
C8
C^4
C6
C^6
C8
C^4
C8
C^4
C2
0
C6
C^3
C5
C^5
C6
C^3
C6
C^3
E3
0
C4
C^2
C4
C^4
C4
C^2
C4
C^2
D2
0
C2
C^1
C3
C^3
C2
C^1
C2
C^1
F6
0
C0
C^0
C2
C^2
C0
C^0
C0
C^0
D1
0
NC
-
C1
C^1
F6
F^3
H0
H^0
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4256V/B/C
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256C-75F256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-75F256AC1 LATTICE-LC4256C-75F256AC1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-75F256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com