Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3023S Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # MOC3023S
Description  6pin DIP photocoupler, triac driver output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3023S Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  MOC3023S Datasheet HTML 1Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 2Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 3Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 4Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 5Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 6Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 7Page - Lite-On Technology Corporation MOC3023S Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
PARAMETER
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Reverse Voltage
VR
6
V
INPUT
Power Dissipation
PD
70
mW
Off-State Output Terminal Voltage
VDRM
400
V
Peak Repetitive Surge Current
( PW=1ms, 120pps )
VTSM
1
A
OUTPUT
Collector Power Dissipation
PC
300
mW
Total Power Dissipation
Ptot
330
mW
*1 Isolation Voltage
Viso
5,000
Vrms
Ambient Operating Temperature Range
TA
-40 ~ +100
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
*2 Soldering Temperature
TL
260
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector,
emitter on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : MOC3020 thru MOC3023 SERIES
Page :
5of8
BNS-OD-C131/A4


Similar Part No. - MOC3023S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
MOC3023S TENAND-MOC3023S Datasheet
193Kb / 9P
   Property of Lite-on Only
MOC3023S-TA1 TENAND-MOC3023S-TA1 Datasheet
193Kb / 9P
   Property of Lite-on Only
logo
Fairchild Semiconductor
MOC3023SM FAIRCHILD-MOC3023SM Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
Guangdong Youtai Semico...
MOC3023SM UMW-MOC3023SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
Fairchild Semiconductor
MOC3023SR2M FAIRCHILD-MOC3023SR2M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results

Similar Description - MOC3023S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com