Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512C-5F256C Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LC4512C-5F256C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512C-5F256C Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LC4512C-5F256C Datasheet HTML 24Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 25Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 26Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 27Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 28Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 29Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 30Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 31Page - Lattice Semiconductor LC4512C-5F256C Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
28
ispMACH 4000V/B/C Internal Timing Parameters
Over Recommended Operating Conditions
Parameter
Description
-5
-75
-10
Units
Min.
Max.
Min.
Max.
Min.
Max.
In/Out Delays
tIN
Input Buffer Delay
0.95
1.50
2.00
ns
tGOE
Global OE Pin Delay
4.04
6.04
7.04
ns
tGCLK_IN
Global Clock Input Buffer Delay
1.83
2.28
3.28
ns
tBUF
Delay through Output Buffer
1.00
1.50
1.50
ns
tEN
Output Enable Time
0.96
0.96
0.96
ns
tDIS
Output Disable Time
0.96
0.96
0.96
ns
Routing/GLB Delays
tROUTE
Delay through GRP
1.51
2.26
3.26
ns
tMCELL
Macrocell Delay
1.05
1.45
1.95
ns
tINREG
Input Buffer to Macrocell Register Delay
0.56
0.96
1.46
ns
tFBK
Internal Feedback Delay
0.00
0.00
0.00
ns
tPDb
5-PT Bypass Propagation Delay
1.54
2.24
3.24
ns
tPDi
Macrocell Propagation Delay
0.94
1.24
1.74
ns
Register/Latch Delays
tS
D-Register Setup Time (Global Clock)
1.32
1.57
1.57
ns
tS_PT
D-Register Setup Time (Product Term Clock)
1.32
1.32
1.32
ns
tST
T-Register Setup Time (Global Clock)
1.52
1.77
1.77
ns
tST_PT
T-Register Setup Time (Product Term Clock)
1.32
1.32
1.32
ns
tH
D-Register Hold Time
1.68
2.93
3.93
ns
tHT
T-Register Hold Time
1.68
2.93
3.93
ns
tSIR
D-Input Register Setup Time (Global Clock)
1.52
1.57
1.57
ns
tSIR_PT
D-Input Register Setup Time (Product Term Clock)
1.45
1.45
1.45
ns
tHIR
D-Input Register Hold Time (Global Clock)
0.68
1.18
1.18
ns
tHIR_PT
D-Input Register Hold Time (Product Term Clock)
0.68
1.18
1.18
ns
tCOi
Register Clock to Output/Feedback MUX Time
0.52
0.67
1.17
ns
tCES
Clock Enable Setup Time
2.25
2.25
2.25
ns
tCEH
Clock Enable Hold Time
1.88
1.88
1.88
ns
tSL
Latch Setup Time (Global Clock)
1.32
1.57
1.57
ns
tSL_PT
Latch Setup Time (Product Term Clock)
1.32
1.32
1.32
ns
tHL
Latch Hold Time
1.17
1.17
1.17
ns
tGOi
Latch Gate to Output/Feedback MUX Time
0.33
0.33
0.33
ns
tPDLi
Propagation Delay through Transparent Latch to Output/
Feedback MUX
0.25
0.25
0.25
ns
tSRi
Asynchronous Reset or Set to Output/Feedback MUX
Delay
0.28
0.28
0.28
ns
tSRR
Asynchronous Reset or Set Recovery Time
1.67
1.67
1.67
ns
Control Delays
tBCLK
GLB PT Clock Delay
1.12
1.12
0.62
ns
tPTCLK
Macrocell PT Clock Delay
0.87
0.87
0.87
ns
tBSR
GLB PT Set/Reset Delay
1.83
1.83
1.83
ns
tPTSR
Macrocell PT Set/Reset Delay
2.51
3.41
3.41
ns


Similar Part No. - LC4512C-5F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512C-5F256C1 LATTICE-LC4512C-5F256C1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512C-5F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com