Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256B-5T100C Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # LC4256B-5T100C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-5T100C Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button LC4256B-5T100C Datasheet HTML 39Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 40Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 41Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 42Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 43Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 44Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 45Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 46Page - Lattice Semiconductor LC4256B-5T100C Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
43
K5
0
A15
A^15
B0
B^0
H6
0
CLK1/I
-
CLK1/I
-
K6
1
CLK2/I
-
CLK2/I
-
H7
1
B0
B^0
C0
C^0
K7
1
B1
B^1
C1
C^1
K8
1
B2
B^2
C2
C^2
K9
1
B3
B^3
C4
C^4
K10
1
B4
B^4
C6
C^6
J10
-
TMS
-
TMS
-
H8
1
B5
B^5
C8
C^8
H10
1
B6
B^6
C10
C^10
G10
1
B7
B^7
C11
C^11
G8
1
GND (Bank 1)
-
GND (Bank 1)
-
F8
1
NC
-
C12/I
C12
F10
1
NC
-
I
-
E8
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
E10
1
B8
B^8
D15
D^15
D8
1
B9
B^9
D12
D^12
D10
1
B10
B^10
D10
D^10
C10
1
B11
B^11
D8
D^8
B10
1
NC
-
I
-
A10
-
TDO
-
TDO
-
A9
-
VCC
-
VCC
-
C8
-
GND
-
GND
-
A8
1
NC
-I-
A7
1
B12
B^12
D6
D^6
C7
1
B13
B^13
D4
D^4
C6
1
B14
B^14
D2
D^2
A6
1
B15/GOE1
B^15
D0/GOE1
D^0
C5
1
CLK3/I
-
CLK3/I
-
A5
0
CLK0/I
-
CLK0/I
-
C4
0
A0/GOE0
A^0
A0/GOE0
A^0
A4
0
A1
A^1
A1
A^1
A3
0
A2
A^2
A2
A^2
A2
0
A3
A^3
A4
A^4
A1
0
A4
A^4
A6
A^6
ispMACH 4032Z and 4064Z Logic Signal Connections: 56-Ball csBGA (Cont.)
Ball Number
Bank Number
ispMACH 4032Z
ispMACH 4064Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256B-5T100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256B-5T100C LATTICE-LC4256B-5T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256B-5T100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com