Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-35T176C Datasheet(PDF) 25 Page - Lattice Semiconductor

Part # LC4384B-35T176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-35T176C Datasheet(HTML) 25 Page - Lattice Semiconductor

Back Button LC4384B-35T176C Datasheet HTML 21Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 22Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 23Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 24Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 25Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 26Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 27Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 28Page - Lattice Semiconductor LC4384B-35T176C Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
25
Timing Model
The task of determining the timing through the ispMACH 4000 family, like any CPLD, is relatively simple. The timing
model provided in Figure 11 shows the specific delay paths. Once the implementation of a given function is deter-
mined either conceptually or from the software report file, the delay path of the function can easily be determined
from the timing model. The Lattice design tools report the timing delays based on the same timing model for a par-
ticular design. Note that the internal timing parameters are given for reference only, and are not tested. The exter-
nal timing parameters are tested and guaranteed for every device. For more information on the timing model and
usage, please refer to Technical Note TN1004: ispMACH 4000 Timing Model Design and Usage Guidelines.
Figure 11. ispMACH 4000 Timing Model
DATA
MC Reg.
C.E.
S/R
Q
SCLK
IN
OE
In/Out
Delays
In/Out
Delays
Control
Delays
Register/Latch
Delays
Routing/GLB Delays
Out
Note: Italicized items are optional delay adders.
tFBK
Feedback
From
Feedback
tBUF
tPDb
tMCELL
tPTCLK
tBCLK
tPTSR
tBSR
tGPTOE
tPTOE
tEXP
tROUTE
tBLA
tINREG
tINDIO
tIN
tIOI
tGCLK_IN
tIOI
tGOE
tIOI
tPDi
tIOO
tORP
tEN
tDIS


Similar Part No. - LC4384B-35T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-35T176C LATTICE-LC4384B-35T176C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-35T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com