Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-C540 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMA-C540
Description  Oval Lens High Performance Surface Mount LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMA-C540 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HSMA-C540 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMA-C540 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Convective IR Reflow Soldering
For more information on solder-
ing and pick and place, refer to
Application Note 1060, Surface
Mounting SMT LED Indicator
Components
and Application
Note 1217 Pick and Place and
Soldering of the Agilent
HSMx-C540, HSMx-C220 Sur-
face Mount LEDs
respectively.
Storage Condition: 5 to 30˚ C @
60% RH max.
Baking is required under the con-
dition:
a) the blue silica gel indicator
becoming white/transparent
color
b) the pack has been opened for
more than 1 week
Baking recommended condition:
60 +/– 5˚C for 20 hours.
Intensity Bin Limits (mcd @ 20 mA)
Bin ID
Min.
Max.
A30
40
B40
50
C50
65
D65
85
E
85
110
F
110
140
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Tolerance of each minimum and
maximum =
± 15%
Color Bin Limits (nm @ 20 mA)
Color
Bin ID
Min.
Max.
Category
Blue
0
full dist.
1
460
464
2
464
468
3
468
472
4
472
476
5
476
480
Green
0
full dist.
3
520
525
4
525
530
5
530
535
6
535
540
Amber
0
full dist.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Red
no color binning
Tolerance of each bin limit =
± 0.5 nm
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 271 2451
India, Australia, New Zealand: (+65) 271 2394
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 271 2194
Malaysia, Singapore: (+65) 271 2054
Taiwan: (+65) 271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-5794EN
June 14, 2002
5988-7125EN


Similar Part No. - HSMA-C540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C110 AVAGO-HSMA-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C110 BOARDCOM-HSMA-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C120 HP-HSMA-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C120 AVAGO-HSMA-C120 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMA-C540

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
   Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com