Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2464-SR Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HN58X2464-SR
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2464-SR Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HN58X2464-SR Datasheet HTML 5Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 6Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 7Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 8Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 9Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 10Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 11Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 12Page - Hitachi Semiconductor HN58X2464-SR Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HN58X2402/58X2404/58X2408/58X2416/58X2432/58X2464-SR
9
Pin Connections for A0 to A2
Pin connection
Memory size
Max connect
number
A2
A1
A0
Notes
2k bit
8
V
CC/VSS*
1 V
CC/VSS
V
CC/VSS
4k bit
4
V
CC/VSS
V
CC/VSS
×*2
Use A0 for memory address a8
8k bit
2
V
CC/VSS
××
Use A0, A1 for memory address a8 and a9
16k bit
1
×××
Use A0, A1, A2 for memory address a8, a9 and
a10
32k bit
8
V
CC/VSS
V
CC/VSS
V
CC/VSS
64k bit
8
V
CC/VSS
V
CC/VSS
V
CC/VSS
Notes: 1. “V
CC/VSS” means that device address pin should be connected to VCC or VSS.
2.
× = Don’t care (Open is also approval.)
Write Protect (WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in
the following table. When the WP is low, write operation for all memory arrays are allowed. The read
operation is always activated irrespective of the WP pin status. WP should be fixed high or low during
operations since WP does not provide a latch function.
Write Protect Area
Write protect area
WP pin status 2k bit
4k bit
8k bit
16k bit
32k bit
64k bit
V
IH
Upper 1/2
(1k bit)
Upper 1/2
(2k bit)
Upper 1/2
(4k bit)
Upper 1/2
(8k bit)
Upper 1/4
(8k bit)
Upper 1/4
(16k bit)
V
IL
Normal read/write operation


Similar Part No. - HN58X2464-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2464 HITACHI-HN58X2464 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2464FP HITACHI-HN58X2464FP Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2464FPI HITACHI-HN58X2464FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2464FPIAG RENESAS-HN58X2464FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2464FPIAGE RENESAS-HN58X2464FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2464-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Sanyo Semicon Device
LE24CBP222 SANYO-LE24CBP222 Datasheet
186Kb / 20P
   Two Wire Serial Interface (2K2K EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com