Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2432FP-SR Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HN58X2432FP-SR
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2432FP-SR Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HN58X2432FP-SR Datasheet HTML 1Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 2Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 3Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 4Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 5Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 6Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 7Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 8Page - Hitachi Semiconductor HN58X2432FP-SR Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
HN58X2402-SR/HN58X2404-SR/
HN58X2408-SR/HN58X2416-SR/
HN58X2432-SR/HN58X2464-SR
Two-wire serial interface
2k EEPROM (256-word
× 8-bit)
4k EEPROM (512-word
× 8-bit)
8k EEPROM (1-kword
× 8-bit)/16k EEPROM (2-kword × 8-bit)
32k EEPROM (4-kword
× 8-bit)/64k EEPROM(8-kword × 8-bit)
ADE-203-920A (Z)
Rev. 1.0
Dec. 11, 1998
Description
HN58X24xx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable
ROM). They realize high speed, low power consumption and a high level of reliability by employing
advanced MNOS memory technology and CMOS process and low voltage circuitry technology. They also
have a 32-byte page programming function to make their write operation faster.
Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I2CTM serial bus*1)
• Clock frequency: 400 kHz
• Power dissipation:
 Standby: 3 µA(max)
 Active (Read): 1 mA(max)
 Active (Write): 3 mA(max)
• Automatic page write: 32-byte/page
• Write cycle time: 10 ms (2.7 V to 5.5 V )/15ms (1.8 V to 2.7 V )
• Endurance: 105 Cycles (Page write mode)
• Data retention: 10 Years
• Small size packages: TSSOP-8pin and SOP-8pin


Similar Part No. - HN58X2432FP-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2432FP HITACHI-HN58X2432FP Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2432FPI HITACHI-HN58X2432FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432FPIAGE RENESAS-HN58X2432FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2432FPIE RENESAS-HN58X2432FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2432FP-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Sanyo Semicon Device
LE24CBP222 SANYO-LE24CBP222 Datasheet
186Kb / 20P
   Two Wire Serial Interface (2K2K EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com