Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-75F256AC Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LC4256V-75F256AC
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-75F256AC Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LC4256V-75F256AC Datasheet HTML 35Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 36Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 37Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 38Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 39Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 40Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 41Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 42Page - Lattice Semiconductor LC4256V-75F256AC Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
39
ispMACH 4000V/B/C/Z Power Supply and NC Connections
1
Signal
44
TQFP
4
48
TQFP
4
56
csBGA
7
100
TQFP
4
128
TQFP
4
144
TQFP
4
176
TQFP
4
256
fpBGA
2, 3, 7
VCC
11, 33
12, 36
K2, A9
25, 40,
75, 90
32, 51,
96, 115
36, 57, 108,
129
42, 69, 88,
130, 157,
176
B2, B15, G8, G9, K8, K9, R2, R15
VCCO0
6
6
F3
13, 33,
95
3, 17, 30,
41, 122
3, 19, 34,
47, 136
4, 22, 40,
56, 166
D6, F4, H7, J7, L4, N6
VCCO1
28
30
E8
45, 63,
83
58, 67,
81, 94,
105
64, 75, 91,
106, 119
78, 92,
110, 128,
144
D11, F13, H10, J10, L13, N11
GND
12, 34
13, 37
H3, C8
1, 26,
51, 76
1, 33, 65,
97
1, 37, 73,
109
2, 46
5, 65,
90, 134,
153
A1, A16, C6, C11, F3, F14, G7, G10,
H8, H9, J8, J9, K7, K10, L3, L14, P6,
P11, T1, T16
GND
(Bank 0)
55
D3
7, 18,
32, 96
10, 24,
40, 113,
123
10, 18
6, 27,
46, 127, 137
13, 31, 55,
155, 167
GND
(Bank 1)
27
29
G8
46, 57,
68, 82
49, 59,
74, 88,
104
55, 65, 82,
90
6, 99, 118
67, 79,
101, 119,
143
NC
4032Z:
A8, B10,
E1, E3,
F8, F10,
J1, K3
——
4128V: 17,
20, 38, 45,
72, 89, 92,
110, 117,
144
4256V: 18,
90
1, 43, 44,
45, 89,
131, 132,
133
4256V/B/C, 128 I/O: A4, A5, A6, A11,
A12, A13, A15, B5, B6, B11, B12, B14,
C7, D1, D4, D5, D10, D12, D16, E1,
E2, E4, E5, E7, E10, E13, E14, E15,
E16, F1, F2, F15, F16, G1, G4, G5,
G6, G12, G13, G14, J11, K3, K4, K15,
L1, L2, L12, L15, L16, M1, M2, M3,
M4, M5, M12, M13, M15, M16, N1, N2,
N7, N10, N12, N14, P5, P12, R4, R5,
R6, R11, R12, R16, T2, T4, T5, T6,
T11, T12, T13, T15
4256V/B/C, 160 I/O: A5, A12, A15, B5,
B6, B11, B12, B14, D4, D5, D12, E1,
E4, E5, E13, E15, E16, F1, F2, F15,
G1, G5, G12, G14, L1, L2, L12, L15,
L16, M1, M2, M3, M12, M16, N1, N12,
N14, P5, R4, R5, R6, R11, R12, R16,
T4, T5, T12, T15
4384V/B/C: B5, B12, D5, D12, E1,
E15, E16, F2, L12, M1, M2, M16, N12,
R5, R12, T4
4512V/B/C: None
1. All grounds must be electrically connected at the board level. However, for the purposes of I/O current loading, grounds are associated with
the bank shown.
2. Internal GNDs and I/O GNDs (Bank 0/1) are connected inside package.
3. VCCO balls connect to two power planes within the package, one for VCCO0 and one for VCCO1.
4. Pin orientation follows the conventional order from pin 1 marking of the top side view and counter-clockwise.
5. ispMACH 4384V/B/C pin 46 is tied to GND (Bank 0).
6. ispMACH 4128V only.
7. Pin orientation A1 starts from the upper left corner of the top side view with alphabetical order ascending vertically and numerical order
ascending horizontally.


Similar Part No. - LC4256V-75F256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-75F256AC1 LATTICE-LC4256V-75F256AC1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-75F256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com