Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



LC4256V-75F256AC Datasheet(HTML) 47 Page - Lattice Semiconductor

Part No. LC4256V-75F256AC
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

LC4256V-75F256AC Datasheet(HTML) 47 Page - Lattice Semiconductor

Zoom Inzoom in Zoom Outzoom out
 47 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
47
19
0
C13
C^13
20
0
C12
C^12
21
0
C10
C^10
22
0
C9
C^9
23
0
C8
C^8
24
0
GND (Bank 0)
-
25
0
C6
C^6
26
0
C5
C^5
27
0
C4
C^4
28
0
C2
C^2
29
0
C0
C^0
30
0
VCCO (Bank 0)
-
31
0
TCK
-
32
0
VCC
-
33
0
GND
-
34
0
D14
D^14
35
0
D13
D^13
36
0
D12
D^12
37
0
D10
D^10
38
0
D9
D^9
39
0
D8
D^8
40
0
GND (Bank 0)
-
41
0
VCCO (Bank 0)
-
42
0
D6
D^6
43
0
D5
D^5
44
0
D4
D^4
45
0
D2
D^2
46
0
D1
D^1
47
0
D0
D^0
48
0
CLK1/I
-
49
1
GND (Bank 1)
-
50
1
CLK2/I
-
51
1
VCC
-
52
1
E0
E^0
53
1
E1
E^1
54
1
E2
E^2
55
1
E4
E^4
56
1
E5
E^5
57
1
E6
E^6
58
1
VCCO (Bank 1)
-
59
1
GND (Bank 1)
-
60
1
E8
E^8
61
1
E9
E^9
ispMACH 4128V/B/C Logic Signal Connections: 128-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V/B/C
GLB/MC/Pad
ORP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn