Electronic Components Datasheet Search |
|
LC4256V-5T176C Datasheet(PDF) 33 Page - Lattice Semiconductor |
|
LC4256V-5T176C Datasheet(HTML) 33 Page - Lattice Semiconductor |
33 / 74 page Lattice Semiconductor ispMACH 4000V/B/C/Z Family Data Sheet 33 ispMACH 4000V/B/C Timing Adders 1 Adder Type Base Parameter Description -5 -75 -10 Units Min. Max. Min. Max. Min. Max. Optional Delay Adders tINDIO tINREG Input register delay — 1.00 — 1.00 — 1.00 ns tEXP tMCELL Product term expander delay — 0.33 — 0.33 — 0.33 ns tORP — Output routing pool delay — 0.05 — 0.05 — 0.05 ns tBLA tROUTE Additional block loading adder — 0.05 — 0.05 — 0.05 ns tIOI Input Adjusters LVTTL_in tIN, tGCLK_IN, tGOE Using LVTTL standard — 0.60 — 0.60 — 0.60 ns LVCMOS33_in tIN, tGCLK_IN, tGOE Using LVCMOS 3.3 standard — 0.60 — 0.60 — 0.60 ns LVCMOS25_in tIN, tGCLK_IN, tGOE Using LVCMOS 2.5 standard — 0.60 — 0.60 — 0.60 ns LVCMOS18_in tIN, tGCLK_IN, tGOE Using LVCMOS 1.8 standard — 0.00 — 0.00 — 0.00 ns PCI_in tIN, tGCLK_IN, tGOE Using PCI compatible input — 0.60 — 0.60 — 0.60 ns tIOO Output Adjusters LVTTL_out tBUF, tEN, tDIS Output configured as TTL buffer — 0.20 — 0.20 — 0.20 ns LVCMOS33_out tBUF, tEN, tDIS Output configured as 3.3V buffer — 0.20 — 0.20 — 0.20 ns LVCMOS25_out tBUF, tEN, tDIS Output configured as 2.5V buffer — 0.10 — 0.10 — 0.10 ns LVCMOS18_out tBUF, tEN, tDIS Output configured as 1.8V buffer — 0.00 — 0.00 — 0.00 ns PCI_out tBUF, tEN, tDIS Output configured as PCI compatible buffer — 0.20 — 0.20 — 0.20 ns Slow Slew tBUF, tEN Output configured for slow slew rate — 1.00 — 1.00 — 1.00 ns Note: Open drain timing is the same as corresponding LVCMOS timing. Timing v.3.1 1. Refer to Technical Note TN1004: ispMACH 4000 Timing Model Design and Usage Guidelines for information regarding use of these adders. |
Similar Part No. - LC4256V-5T176C |
|
Similar Description - LC4256V-5T176C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |