Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-5T176C Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LC4256V-5T176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-5T176C Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LC4256V-5T176C Datasheet HTML 36Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 37Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 38Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 39Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 40Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 41Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 42Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 43Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
40
ispMACH 4032V/B/C and 4064V/B/C Logic Signal Connections:
44-Pin TQFP
Pin Number
Bank Number
ispMACH 4032V/B/C
ispMACH 4064V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1-
TDI
-
TDI
-
20
A5
A^5
A10
A^5
30
A6
A^6
A12
A^6
40
A7
A^7
A14
A^7
5
0
GND (Bank 0)
-
GND (Bank 0)
-
6
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
70
A8
A^8
B0
B^0
80
A9
A^9
B2
B^1
90
A10
A^10
B4
B^2
10
-
TCK
-
TCK
-
11
-
VCC
-
VCC
-
12
-
GND
-
GND
-
13
0
A12
A^12
B8
B^4
14
0
A13
A^13
B10
B^5
15
0
A14
A^14
B12
B^6
16
0
A15
A^15
B14
B^7
17
1
CLK2/I
-
CLK2/I
-
18
1
B0
B^0
C0
C^0
19
1
B1
B^1
C2
C^1
20
1
B2
B^2
C4
C^2
21
1
B3
B^3
C6
C^3
22
1
B4
B^4
C8
C^4
23
-
TMS
-
TMS
-
24
1
B5
B^5
C10
C^5
25
1
B6
B^6
C12
C^6
26
1
B7
B^7
C14
C^7
27
1
GND (Bank 1)
-
GND (Bank 1)
-
28
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
29
1
B8
B^8
D0
D^0
30
1
B9
B^9
D2
D^1
31
1
B10
B^10
D4
D^2
32
-
TDO
-
TDO
-
33
-
VCC
-
VCC
-
34
-
GND
-
GND
-
35
1
B12
B^12
D8
D^4
36
1
B13
B^13
D10
D^5
37
1
B14
B^14
D12
D^6
38
1
B15/GOE1
B^15
D14/GOE1
D^7
39
0
CLK0/I
-
CLK0/I
-
40
0
A0/GOE0
A^0
A0/GOE0
A^0
41
0
A1
A^1
A2
A^1


Similar Part No. - LC4256V-5T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-5T176C LATTICE-LC4256V-5T176C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-5T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com