Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-5T176C Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # LC4256V-5T176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-5T176C Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button LC4256V-5T176C Datasheet HTML 11Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 12Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 13Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 14Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 15Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 16Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 17Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 18Page - Lattice Semiconductor LC4256V-5T176C Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
15
Absolute Maximum Ratings
1, 2, 3
ispMACH 4000C/Z
ispMACH 4000B
ispMACH 4000V
(1.8V)
(2.5V)
(3.3V)
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V . . . . . . . . . .-0.5 to 5.5V.. . . . . . . . . . -0.5 to 5.5V
Output Supply Voltage (VCCO). . . . . . . . . . . . . . . -0.5 to 4.5V . . . . . . . . . .-0.5 to 4.5V.. . . . . . . . . . -0.5 to 4.5V
Input or I/O Tristate Voltage Applied
4, 5 . . . . . . . . . -0.5 to 5.5V . . . . . . . . . .-0.5 to 5.5V.. . . . . . . . . . -0.5 to 5.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C. . . . . . . . . -65 to 150°C. . . . . . . . . .-65 to 150°C
Junction Temperature (Tj) with Power Applied . . . -55 to 150°C. . . . . . . . . -55 to 150°C. . . . . . . . . .-55 to 150°C
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
2. Compliance with Lattice Thermal Management document is required.
3. All voltages referenced to GND.
4. Undershoot of -2V and overshoot of (VIH (MAX) + 2V), up to a total pin voltage of 6.0V, is permitted for a duration of < 20ns.
5. Maximum of 64 I/Os per device with VIN > 3.6V is allowed.
Recommended Operating Conditions
Erase Reprogram Specifications
Hot Socketing Characteristics
1,2,3
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage for 1.8V Devices
ispMACH 4000C
1.65
1.95
V
ispMACH 4000Z
1.7
1.9
V
Supply Voltage for 2.5V Devices
2.3
2.7
V
Supply Voltage for 3.3V Devices
3.0
3.6
V
Tj
Junction Temperature (Commercial)
0
90
C
Junction Temperature (Industrial)
-40
105
C
Junction Temperature (Automotive)
-40
130
C
Parameter
Min.
Max.
Units
Erase/Reprogram Cycle
1,000
Cycles
Note: Valid over commercial temperature range.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDK
Input or I/O Leakage Current
0 ≤ VIN ≤ 3.0V, Tj = 105°C
±30
±150
µA
0 ≤ VIN ≤ 3.0V, Tj = 130°C
±30
±200
µA
1. Insensitive to sequence of VCC or VCCO. However, assumes monotonic rise/fall rates for VCC and VCCO, provided (VIN - VCCO) ≤ 3.0V.
2. 0 < VCC < VCC (MAX), 0 < VCCO < VCCO (MAX).
3. IDK is additive to IPU, IPD or IBH. Device defaults to pull-up until fuse circuitry is active.


Similar Part No. - LC4256V-5T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-5T176C LATTICE-LC4256V-5T176C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-5T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com