Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI7700YAA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCI7700YAA
Description  CMOS VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCI7700YAA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCI7700YAA Datasheet HTML 1Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 2Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 3Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 4Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 5Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 6Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 7Page - List of Unclassifed Manufacturers SCI7700YAA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
3
389-1.0
November 1996
SCI7700/01Y Series
Parameter
Symbol
Ratings
Unit
Input voltage (supply voltage)
VDD (VI) – VSS
12
V
Output voltage
VO
VDD + 0.3 to VSS – 0.3
V
Output current
IO
50
mA
Power dissipation (TA
≤ 25°C)
PD
400
mW
Operating temperature
Topr
–30 to 85
°C
Storage temperature
Tstg
–65 to 150
°C
Soldering temperature and time
Tsol
260
°C, 10s (at lead)
s ABSOLUTE MAXIMUM RATINGS
Note: Although this IC has electrostatic protection circuit, damage may still occur if very high electrostatic
potentials are applied.
Note: When this IC is soldered in the solder-reflow process, be sure to maintain the reflow furnace at the
curve shown in “Fig. 3–5 Reflow Furnace Temperature Curve” of DATA BOOK. This IC cannot
be exposed to the high temperature of the the solder dipping.


Similar Part No. - SCI7700YAA

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7654 EPSON-SCI7654 Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654C0A EPSON-SCI7654C0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654M0A EPSON-SCI7654M0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
   DC-DC Converter
More results

Similar Description - SCI7700YAA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com