Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384V-35F256C Datasheet(PDF) 37 Page - Lattice Semiconductor

Part # LC4384V-35F256C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384V-35F256C Datasheet(HTML) 37 Page - Lattice Semiconductor

Back Button LC4384V-35F256C Datasheet HTML 33Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 34Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 35Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 36Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 37Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 38Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 39Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 40Page - Lattice Semiconductor LC4384V-35F256C Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
37
Switching Test Conditions
Figure 12 shows the output test load that is used for AC testing. The specific values for resistance, capacitance,
voltage, and other test conditions are shown in Table 11.
Figure 12. Output Test Load, LVTTL and LVCMOS Standards
Table 11. Test Fixture Required Components
Test Condition
R1
R2
CL
1
Timing Ref.
VCCO
LVCMOS I/O, (L -> H, H -> L)
106Ω 106Ω
35pF
LVCMOS 3.3 = 1.5V
LVCMOS 3.3 = 3.0V
LVCMOS 2.5 = VCCO/2
LVCMOS 2.5 = 2.3V
LVCMOS 1.8 = VCCO/2
LVCMOS 1.8 = 1.65V
LVCMOS I/O (Z -> H)
106Ω
35pF
1.5V
3.0V
LVCMOS I/O (Z -> L)
106Ω∞
35pF
1.5V
3.0V
LVCMOS I/O (H -> Z)
106Ω
5pF
VOH - 0.3
3.0V
LVCMOS I/O (L -> Z)
106Ω∞
5pF
VOL + 0.3
3.0V
1. CL includes test fixtures and probe capacitance.
VCCO
R1
R2
CL
DUT
Test
Point
0213A/ispm4k


Similar Part No. - LC4384V-35F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384V-35F256C1 LATTICE-LC4384V-35F256C1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384V-35F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com