Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI7701YCB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCI7701YCB
Description  CMOS VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCI7701YCB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCI7701YCB Datasheet HTML 1Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 2Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 3Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 4Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 5Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 6Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 7Page - List of Unclassifed Manufacturers SCI7701YCB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238 389-1.0
November 1996
SCI7700/01Y Series
Parameter
Symbol
Conditions
Min
Typ Max Unit
VDD = 0.85V, VDS = 0.5V, Ta = 25
°C
0.05
0.40 1.00
Output current
IO (Nch) VDD = 0.95V, VDS = 0.5V, Ta = 25
°C
0.15
0.70 1.50
mA
VDD = 1.05V, VDS = 0.5V, Ta = 25
°C
0.30
1.00 2.00
Reference voltage supply
VR
Ta = 25
°C
0.70
0.80 0.90
V
VDS: Voltage between drain and source
s ELECTRICAL CHARACTERISTICS
* VDET x 0.04 (Typ) about SCI7700YTA/SCI7701YTA/SCI7701YMA/SCI7701YJA/SCI7701YKA/SCI7701YLA
SCI7700YVA/SCI7700YAA/SCI7700YBA
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Detection voltage
VDET
Ta=25
°C
See page 2
V
VDD=1.5V, Ta=25
°C
1.4
3.0
IDDO
VDD=3.0V, Ta=25
°C
1.8
4.0
µA
Operating supply current
VDD=4.5V, Ta=25
°C
2.2
5.0
VDD=6.0V, Ta=25
°C
2.6
6.0
Supply (Operating) voltage
VDD (VI)
Ta=–30 to 85
°C
See page 2
V
Hysteresis difference
∆VDET
Ta=–30 to 85
°C— VDETx0.05* —V
Temperature coefficient of VDET
Ta=–30 to 85
°C
Typ(VDET/VR)x0.1
mV/
°C
90
VDET(Ta=70
°C)-VDET(Ta=-20°C)
SCI7700YSeries/SCI7701YSeries


Similar Part No. - SCI7701YCB

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7654 EPSON-SCI7654 Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654C0A EPSON-SCI7654C0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654M0A EPSON-SCI7654M0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
   DC-DC Converter
More results

Similar Description - SCI7701YCB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com