Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384V-75T176C Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # LC4384V-75T176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384V-75T176C Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button LC4384V-75T176C Datasheet HTML 47Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 48Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 49Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 50Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 51Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 52Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 53Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 54Page - Lattice Semiconductor LC4384V-75T176C Datasheet HTML 55Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
51
57
-
VCC
-
VCC
-
58
1
E0
E^0
I2
I^1
59
1
E1
E^1
I4
I^2
60
1
E2
E^2
I6
I^3
61
1
E4
E^4
I8
I^4
62
1
E5
E^5
I10
I^5
63
1
E6
E^6
I12
I^6
64
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
65
1
GND (Bank 1)
-
GND (Bank 1)
-
66
1
E8
E^8
J2
J^1
67
1
E9
E^9
J4
J^2
68
1
E10
E^10
J6
J^3
69
1
E12
E^12
J8
J^4
70
1
E13
E^13
J10
J^5
71
1
E14
E^14
J12
J^6
72
-
NC
2
-I
2
-
73
-
GND
-
GND
-
74
-
TMS
-
TMS
-
75
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
76
1
F0
F^0
K12
K^6
77
1
F1
F^1
K10
K^5
78
1
F2
F^2
K8
K^4
79
1
F4
F^4
K6
K^3
80
1
F5
F^5
K4
K^2
81
1
F6
F^6
K2
K^1
82
1
GND (Bank 1)
-
GND (Bank 1)
-
83
1
F8
F^8
L14
L^7
84
1
F9
F^9
L12
L^6
85
1
F10
F^10
L10
L^5
86
1
F12
F^12
L8
L^4
87
1
F13
F^13
L6
L^3
88
1
F14
F^14
L4
L^2
89
-
NC
2
-I
2
-
90
1
GND (Bank 1)
1
-
NC
1
-
91
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
92
-
NC
2
-I
2
-
93
1
G14
G^14
M2
M^1
94
1
G13
G^13
M4
M^2
95
1
G12
G^12
M6
M^3
96
1
G10
G^10
M8
M^4
97
1
G9
G^9
M10
M^5
98
1
G8
G^8
M12
M^6
99
1
GND (Bank 1)
-
GND (Bank 1)
-
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4384V-75T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384V-75T176C LATTICE-LC4384V-75T176C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384V-75T176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com