Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT645TSO Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT645TSO
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT645TSO Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT645TSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT645TSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT645TSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT645TSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT645TSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT645TSO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT645T/AT/CT/DT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—0.5
2
mA
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
0.15
0.25
mA/
MHz
OE = T/R = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—1.5
3.5
mA
Outputs Open
fi = 10MHz
VIN = GND
50% Duty Cycle
VIN = 3.4
1.8
4.5
OE = T/R = GND
One Bit Toggling
VIN = GND
VCC = Max.
VIN = VCC
—3
6(5)
Outputs Open
fi = 2.5MHz
VIN = GND
50% Duty Cycle
VIN = 3.4
5
14(5)
OE = T/R = GND
Eight Bits Toggling
VIN = GND
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
SWITCHING CHARACTRISTICS OVER OPERATING RANGE
FCT645T
FCT645AT
FCT645CT
FCT645DT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B, B to A
CL = 50 pF
RL = 500
1.5
9.5
1.5
4.6
1.5
4.1
1.5
3.8
ns
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
11
1.5
6.2
1.5
5.8
1.5
5
ns
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
12
1.5
5
1.5
4.8
1.5
4.3
ns
tPZH
tPZL
Output Enable Time
T/
R to A or B(3)
1.5
11
1.5
6.2
1.5
5.8
1.5
5
ns
tPHZ
tPLZ
Output Disable Time
T/
R to A or B(3)
1.5
12
1.5
5
1.5
4.8
1.5
4.3
ns


Similar Part No. - IDT74FCT645TSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT645TSO IDT-IDT74FCT645TSO Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT645TSOB IDT-IDT74FCT645TSOB Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT645TSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com