Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-10T100I Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # LC4256C-10T100I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-10T100I Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button LC4256C-10T100I Datasheet HTML 12Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 13Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 14Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 15Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 16Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 17Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 18Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 19Page - Lattice Semiconductor LC4256C-10T100I Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
16
I/O Recommended Operating Conditions
DC Electrical Characteristics
Over Recommended Operating Conditions
Standard
VCCO (V)
1
Min.
Max.
LVTTL
3.0
3.6
LVCMOS 3.3
3.0
3.6
Extended LVCMOS 3.3
2
2.7
3.6
LVCMOS 2.5
2.3
2.7
LVCMOS 1.8
1.65
1.95
PCI 3.3
3.0
3.6
1. Typical values for VCCO are the average of the min. and max. values.
2. ispMACH 4000Z only.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IIL, IIH
1
Input Leakage Current
0 < VIN ≤ 3.6V, Tj = 105°C
10
µA
0 < VIN ≤ 3.6V, Tj = 130°C
15
µA
IIH
2
Input High Leakage Current
3.6V < VIN ≤ 5.5V, Tj = 105°C
3.0V ≤ VCCO ≤ 3.6V
——
20
µA
3.6V < VIN ≤ 5.5V, Tj = 130°C
3.0V ≤ VCCO ≤ 3.6V
——
50
µA
IPU
I/O Weak Pull-up Resistor Current
0 ≤ VIN ≤ 0.7VCCO
-30
-150
µA
IPD
I/O Weak Pull-down Resistor Current VIL (MAX) ≤ VIN ≤ VIH (MIN)
30
150
µA
IBHLS
Bus Hold Low Sustaining Current
VIN = VIL (MAX)
30
µA
IBHHS
Bus Hold High Sustaining Current
VIN = 0.7 VCCO
-30
µA
IBHLO
Bus Hold Low Overdrive Current
0V ≤ VIN ≤ VBHT
——
150
µA
IBHHO
Bus Hold High Overdrive Current
VBHT ≤ VIN ≤ VCCO
——
-150
µA
VBHT
Bus Hold Trip Points
VCCO * 0.35
VCCO * 0.65
V
C1
I/O Capacitance
3
VCCO = 3.3V, 2.5V, 1.8V
8
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
C2
Clock Capacitance
3
VCCO = 3.3V, 2.5V, 1.8V
6
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
C3
Global Input Capacitance
3
VCCO = 3.3V, 2.5V, 1.8V
6
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
1. Input or I/O leakage current is measured with the pin configured as an input or as an I/O with the output driver tristated. It is not
measured with the output driver active. Bus maintenance circuits are disabled.
2. 5V tolerant inputs and I/O should only be placed in banks where 3.0V ≤ VCCO ≤ 3.6V.
3. TA = 25°C, f = 1.0MHz


Similar Part No. - LC4256C-10T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-10T100I LATTICE-LC4256C-10T100I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-10T100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com