Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512C-10F256I Datasheet(PDF) 50 Page - Lattice Semiconductor

Part # LC4512C-10F256I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512C-10F256I Datasheet(HTML) 50 Page - Lattice Semiconductor

Back Button LC4512C-10F256I Datasheet HTML 46Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 47Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 48Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 49Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 50Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 51Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 52Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 53Page - Lattice Semiconductor LC4512C-10F256I Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
50
14
0
B12
B^12
D8
D^4
15
0
B13
B^13
D6
D^3
16
0
B14
B^14
D4
D^2
17
-
NC
2
-I
2
-
18
0
GND (Bank 0)
1
-
NC
1
-
19
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
20
0
NC
2
-I
2
-
21
0
C14
C^14
E2
E^1
22
0
C13
C^13
E4
E^2
23
0
C12
C^12
E6
E^3
24
0
C10
C^10
E8
E^4
25
0
C9
C^9
E10
E^5
26
0
C8
C^8
E12
E^6
27
0
GND (Bank 0)
-
GND (Bank 0)
-
28
0
C6
C^6
F2
F^1
29
0
C5
C^5
F4
F^2
30
0
C4
C^4
F6
F^3
31
0
C2
C^2
F8
F^4
32
0
C1
C^1
F10
F^5
33
0
C0
C^0
F12
F^6
34
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
35
-
TCK
-
TCK
-
36
-
VCC
-
VCC
-
37
-
GND
-
GND
-
38
-
NC
2
-I
2
-
39
0
D14
D^14
G12
G^6
40
0
D13
D^13
G10
G^5
41
0
D12
D^12
G8
G^4
42
0
D10
D^10
G6
G^3
43
0
D9
D^9
G4
G^2
44
0
D8
D^8
G2
G^1
45
-
NC
2
-I
2
-
46
0
GND (Bank 0)
-
GND (Bank 0)
-
47
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
48
0
D6
D^6
H12
H^6
49
0
D5
D^5
H10
H^5
50
0
D4
D^4
H8
H^4
51
0
D2
D^2
H6
H^3
52
0
D1
D^1
H4
H^2
53
0
D0
D^0
H2
H^1
54
0
CLK1/I
-
CLK1/I
-
55
1
GND (Bank 1)
-
GND (Bank 1)
-
56
1
CLK2/I
-
CLK2/I
-
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512C-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512C-10F256I1 LATTICE-LC4512C-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512C-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com