1 / 1 page
CANADA
Phone: (519) 822-2960 Fax: (519) 822-0715
USA
Phone: (716) 651-0086 Fax: (716) 651-0726
66
© 2000
www.hammondmfg.com
2
3
8
1
4
5
6
7
Primary
Sec. 1
Sec. 2
Feedback
or Sec. 3
Chassis & P.C. Board Mount
PULSE TRANSFORMERS
• Economical, open style, chassis mount.
• Mounting hole (G) - .187"
• Units are intended for pulse applications including
thyristor / triac firing circuits.
• Flexible leads - 4" minimum.
Blk
Brn
Yel
Org
Blk
Brn
Red
Blu
Yel
Org
612H
612G
PULSE TRANSFORMERS
• These transformers are fully encapsulated in a high grade black molded case
with a UL94V-O rating.
• They are intended mainly for thyristor / triac triggering applications.
• All units are voltage proof tested between windings at 2500V RMS for 1
minute, for a working voltage rating maximum of 440V RMS.
• Transformers with three or more windings can be series connected to obtain
alternative ratios. (ie...a 1:1:1 type may be series connected by linking pins 4
& 5 in which case 3-6 are used as the primary winding to obtain a ratio of 2:1
etc.)
640 Series - Dimensions &
Schematic
630 Series - Dimensions &
Schematic
1
2
3
4
5
6
2
1
6
5
4
3
25
20
All Dimensions in mm
Pins 0.64 sq.
.
o
N
.
t
a
C.
o
N
.
t
a
C
.
o
N
.
t
a
C
.
o
N
.
t
a
C.
o
N
.
t
a
C
o
i
t
a
Ro
i
t
a
R
o
i
t
a
R
o
i
t
a
Ro
i
t
a
R
.
x
a
M
t
i
u
c
r
i
C.
x
a
M
t
i
u
c
r
i
C
.
x
a
M
t
i
u
c
r
i
C
.
x
a
M
t
i
u
c
r
i
C.
x
a
M
t
i
u
c
r
i
C
s
t
l
o
Vs
t
l
o
V
s
t
l
o
V
s
t
l
o
Vs
t
l
o
V
y
r
a
m
i
r
Py
r
a
m
i
r
P
y
r
a
m
i
r
P
y
r
a
m
i
r
Py
r
a
m
i
r
P
g
n
i
d
n
i
W
.
C
.
Dg
n
i
d
n
i
W
.
C
.
D
g
n
i
d
n
i
W
.
C
.
D
g
n
i
d
n
i
W
.
C
.
Dg
n
i
d
n
i
W
.
C
.
D
e
c
n
a
t
s
i
s
e
Re
c
n
a
t
s
i
s
e
R
e
c
n
a
t
s
i
s
e
R
e
c
n
a
t
s
i
s
e
Re
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
In
o
i
t
a
l
u
s
n
I
n
o
i
t
a
l
u
s
n
I
n
o
i
t
a
l
u
s
n
In
o
i
t
a
l
u
s
n
I
S
M
RS
M
R S
M
R S
M
RS
M
R
)
s
t
l
o
V
()
s
t
l
o
V
(
)
s
t
l
o
V
(
)
s
t
l
o
V
()
s
t
l
o
V
(
.
t
W.
t
W .
t
W .
t
W.
t
W
.
z
O.
z
O .
z
O .
z
O.
z
O
s
n
o
i
s
n
e
m
i
Ds
n
o
i
s
n
e
m
i
D
s
n
o
i
s
n
e
m
i
D
s
n
o
i
s
n
e
m
i
Ds
n
o
i
s
n
e
m
i
D
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
)
.
n
i
m
(
H
m)
.
n
i
m
(
H
m
)
.
n
i
m
(
H
m
)
.
n
i
m
(
H
m)
.
n
i
m
(
H
m
.
s
e
R
.
C
.
D.
s
e
R
.
C
.
D
.
s
e
R
.
C
.
D
.
s
e
R
.
C
.
D.
s
e
R
.
C
.
D
)
s
m
h
O
()
s
m
h
O
(
)
s
m
h
O
(
)
s
m
h
O
()
s
m
h
O
(
1
.
c
e
S1
.
c
e
S
1
.
c
e
S
1
.
c
e
S1
.
c
e
S
)
s
m
h
O
()
s
m
h
O
(
)
s
m
h
O
(
)
s
m
h
O
()
s
m
h
O
(
2
.
c
e
S2
.
c
e
S
2
.
c
e
S
2
.
c
e
S2
.
c
e
S
)
s
m
h
O
()
s
m
h
O
(
)
s
m
h
O
(
)
s
m
h
O
()
s
m
h
O
(
A
A
A
A
A
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
G
2
1
6G
2
1
6
G
2
1
6
G
2
1
6G
2
1
6
1
:
10
0
66
.
67
8
.
07
8
.
0-
0
0
0
40
.
86
0
.
25
2
.
19
1
.
15
7
.
1
H
2
1
6H
2
1
6
H
2
1
6
H
2
1
6H
2
1
6
1
:
1
:
10
0
65
.
15
4
.
02
4
.
09
4
.
00
0
0
40
.
86
0
.
25
2
.
19
1
.
15
7
.
1
.
t
a
C.
t
a
C .
t
a
C .
t
a
C.
t
a
C
.
o
N.
o
N .
o
N .
o
N.
o
N
s
n
r
u
Ts
n
r
u
T
s
n
r
u
T
s
n
r
u
Ts
n
r
u
T
o
i
t
a
Ro
i
t
a
R
o
i
t
a
R
o
i
t
a
Ro
i
t
a
R
y
r
a
m
i
r
Py
r
a
m
i
r
P
y
r
a
m
i
r
P
y
r
a
m
i
r
Py
r
a
m
i
r
P
e
g
a
k
a
e
Le
g
a
k
a
e
L
e
g
a
k
a
e
L
e
g
a
k
a
e
Le
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
)
x
a
m
(
H
u)
x
a
m
(
H
u
)
x
a
m
(
H
u
)
x
a
m
(
H
u)
x
a
m
(
H
u
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
y
t
i
c
a
p
a
C
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
)
x
a
m
(
.
f
p)
x
a
m
(
.
f
p
)
x
a
m
(
.
f
p
)
x
a
m
(
.
f
p)
x
a
m
(
.
f
p
e
c
n
a
t
s
i
s
e
R
g
n
i
d
n
i
W
.
C
.
De
c
n
a
t
s
i
s
e
R
g
n
i
d
n
i
W
.
C
.
D
e
c
n
a
t
s
i
s
e
R
g
n
i
d
n
i
W
.
C
.
D
e
c
n
a
t
s
i
s
e
R
g
n
i
d
n
i
W
.
C
.
De
c
n
a
t
s
i
s
e
R
g
n
i
d
n
i
W
.
C
.
D
)
s
m
h
o
()
s
m
h
o
(
)
s
m
h
o
(
)
s
m
h
o
()
s
m
h
o
(
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
I
e
c
n
a
t
c
u
d
n
Ie
c
n
a
t
c
u
d
n
I
)
.
n
i
m
(
H
m)
.
n
i
m
(
H
m
)
.
n
i
m
(
H
m
)
.
n
i
m
(
H
m)
.
n
i
m
(
H
m
t
n
a
t
s
n
o
C
T
Et
n
a
t
s
n
o
C
T
E
t
n
a
t
s
n
o
C
T
E
t
n
a
t
s
n
o
C
T
Et
n
a
t
s
n
o
C
T
E
S
u
VS
u
V S
u
V S
u
VS
u
V
.
i
r
P.
i
r
P .
i
r
P .
i
r
P.
i
r
P
1
.
c
e
S1
.
c
e
S
1
.
c
e
S
1
.
c
e
S1
.
c
e
S
2
.
c
e
S2
.
c
e
S
2
.
c
e
S
2
.
c
e
S2
.
c
e
S
3
.
c
e
S3
.
c
e
S
3
.
c
e
S
3
.
c
e
S3
.
c
e
S
B
0
3
6B
0
3
6
B
0
3
6
B
0
3
6B
0
3
6
1
:
11
0
2
10
.
20
55
2
.
03
2
.
0-
-
B
1
3
6B
1
3
6
B
1
3
6
B
1
3
6B
1
3
6
1
:
1
:
11
0
2
13
0
45
2
.
02
2
.
08
2
.
0-
B
2
3
6B
2
3
6
B
2
3
6
B
2
3
6B
2
3
6
1
:
1
:
210
2
15
.
30
34
2
.
02
1
.
05
1
.
0-
C
0
3
6C
0
3
6
C
0
3
6
C
0
3
6C
0
3
6
1
:
14
0
4
25
5
56
8
.
03
8
.
0-
-
C
1
3
6C
1
3
6
C
1
3
6
C
1
3
6C
1
3
6
1
:
1
:
14
0
4
21
15
39
.
06
7
.
01
.
1-
C
2
3
6C
2
3
6
C
2
3
6
C
2
3
6C
2
3
6
1
:
1
:
24
0
4
21
15
34
8
.
08
3
.
05
.
0-
D
0
3
6D
0
3
6
D
0
3
6
D
0
3
6D
0
3
6
1
:
13
.
6
12
8
48
15
65
.
34
.
3-
-
D
1
3
6D
1
3
6
D
1
3
6
D
1
3
6D
1
3
6
1
:
1
:
13
.
6
12
8
40
40
46
.
31
.
32
.
4-
D
2
3
6D
2
3
6
D
2
3
6
D
2
3
6D
2
3
6
1
:
1
:
23
.
6
12
8
40
40
45
.
36
.
10
.
2-
A
0
4
6A
0
4
6
A
0
4
6
A
0
4
6A
0
4
6
1
:
1
:
1
:
20
10
7
38
32
33
.
21
.
13
.
10
.
1
B
0
4
6B
0
4
6
B
0
4
6
B
0
4
6B
0
4
6
1
:
1
:
1
:
20
30
4
60
1
18
36
.
60
.
38
.
37
.
2
C
0
4
6C
0
4
6
C
0
4
6
C
0
4
6C
0
4
6
1
:
1
:
1
:
20
0
10
6
1
10
4
35
30
.
5
20
.
2
16
.
4
18
.
0
1
A
1
4
6A
1
4
6
A
1
4
6
A
1
4
6A
1
4
6
1
:
1
:
1
:
20
10
9
88
25
65
4
.
02
.
06
2
.
09
1
.
0
B
1
4
6B
1
4
6
B
1
4
6
B
1
4
6B
1
4
6
1
:
1
:
1
:
20
30
2
5
15
70
72
.
15
.
05
6
.
06
4
.
0
C
1
4
6C
1
4
6
C
1
4
6
C
1
4
6C
1
4
6
1
:
1
:
1
:
20
0
10
6
7
20
9
10
9
12
.
54
.
29
.
22
.
2
.
o
N
s
e
i
r
e
S
.
t
a
C.
o
N
s
e
i
r
e
S
.
t
a
C
.
o
N
s
e
i
r
e
S
.
t
a
C
.
o
N
s
e
i
r
e
S
.
t
a
C.
o
N
s
e
i
r
e
S
.
t
a
C
.
l
o
T.
l
o
T .
l
o
T .
l
o
T.
l
o
T
s
n
o
i
s
n
e
m
i
Ds
n
o
i
s
n
e
m
i
D
s
n
o
i
s
n
e
m
i
D
s
n
o
i
s
n
e
m
i
Ds
n
o
i
s
n
e
m
i
D
a
a
a
a
a
b
b
b
b
b
c
c
c
c
c
v
v
v
v
v
w
w
w
w
w
x
x
x
x
x
y
y
y
y
y
z
z
z
z
z
s
e
i
r
e
S
0
4
6s
e
i
r
e
S
0
4
6
s
e
i
r
e
S
0
4
6
s
e
i
r
e
S
0
4
6s
e
i
r
e
S
0
4
6
.
x
a
M0
.
5
27
.
2
1-
8
9
.
7
19
.
2
12
8
.
78
2
.
52
.
1
.
n
i
M-
-
0
.
48
5
.
7
17
4
.
2
12
4
.
78
8
.
41
.
1
s
e
i
r
e
S
1
4
6s
e
i
r
e
S
1
4
6
s
e
i
r
e
S
1
4
6
s
e
i
r
e
S
1
4
6s
e
i
r
e
S
1
4
6
.
x
a
M0
.
6
32
.
0
2-
2
1
.
8
22
5
.
0
20
9
.
2
12
8
.
72
.
1
.
n
i
M-
-
0
.
42
7
.
7
22
1
.
0
27
4
.
2
12
4
.
71
.
1