Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A625308-S Datasheet(PDF) 5 Page - AMIC Technology

Part # A625308-S
Description  32K X 8 BIT CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308-S Datasheet(HTML) 5 Page - AMIC Technology

  A625308-S Datasheet HTML 1Page - AMIC Technology A625308-S Datasheet HTML 2Page - AMIC Technology A625308-S Datasheet HTML 3Page - AMIC Technology A625308-S Datasheet HTML 4Page - AMIC Technology A625308-S Datasheet HTML 5Page - AMIC Technology A625308-S Datasheet HTML 6Page - AMIC Technology A625308-S Datasheet HTML 7Page - AMIC Technology A625308-S Datasheet HTML 8Page - AMIC Technology A625308-S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
A625308 Series
PRELIMINARY
(December, 2000, Version 0.2)
4
AMIC Technology, Inc.
DC Electrical Characteristics (continued)
Symbol
Parameter
A625308-70L
A625308-70S
Unit
Conditions
Min.
Max.
Min.
Max.
ISB
Supply Current
-
3
-
2
mA
CE
= VIH
ISB1
Standby Power
-
100
-
25
µA
CE
≥ VCC - 0.2V
VIN
≥ 0V
VOL
Output Low
Voltage
-
0.4
-
0.4
V
IOL = 2.1mA
VOH
Output High
Voltage
2.4
-
2.4
-
V
IOH = -1.0mA
Truth Table
Mode
CE
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
High Z
ISB, ISB1
Output Disable
L
H
H
High Z
ICC, ICC1, ICC2
Read
L
L
H
DOUT
ICC, ICC1, ICC2
Write
L
X
L
DIN
ICC, ICC1, ICC2
Note: X: H or L
Capacitance (TA = 25
°C, f = 1.0 MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
6
pF
VIN = 0V
CI/O*
Input/Output Capacitance
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.


Similar Part No. - A625308-S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70S AMICC-A625308A-70S Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SI AMICC-A625308A-70SI Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SU AMICC-A625308A-70SU Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308-S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com