Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7137M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA7137M
Description  LA7137M
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7137M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7137M Datasheet HTML 1Page - Sanyo Semicon Device LA7137M Datasheet HTML 2Page - Sanyo Semicon Device LA7137M Datasheet HTML 3Page - Sanyo Semicon Device LA7137M Datasheet HTML 4Page - Sanyo Semicon Device LA7137M Datasheet HTML 5Page - Sanyo Semicon Device LA7137M Datasheet HTML 6Page - Sanyo Semicon Device LA7137M Datasheet HTML 7Page - Sanyo Semicon Device LA7137M Datasheet HTML 8Page - Sanyo Semicon Device LA7137M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LA7137M
No.6206-5/19
(単位:V)
ス イ ッ チ 条 件
VDC1
VDC2
VDC4
VDC5
VDC11
VDC22
SW1
SW2
(E)コンポジット選択時の各信号のGAINの比
ΔYC
0/3.3
0
3.3
3.3
ON/OFF
ON
ΔYS1
0/3.3
0
3.3
3.3
3.3
ON/OFF
ON
ΔCS1
0/3.3
0
3.3
ON/OFF
ON
(F)S選択時の各信号のGAINの比
ΔYS2
0/3.3
0
3.3
ON/OFF
ON
ΔCS2
0/3.3
0
3.3
ON/OFF
ON
(G)コンポーネント選択時の10pin(Y信号)入力の場合
GYM
0/3.3
3.3
3.3
ON/OFF
ON
GYH
0/3.3
3.3
3.3
3.3
ON/OFF
ON
C10H
0/3.3
3.3
3.3
3.3
ON/OFF
ON
(H)コンポーネント選択時の6pin(B−YorR−Y信号)入力の場合
GNM
0/3.3
3.3
3.3
ON/OFF
ON
GNH
0/3.3
3.3
3.3
3.3
ON/OFF
ON
P6H
0/3.3
3.3
3.3
3.3
ON/OFF
ON
(I)コンポーネント選択時の3pin(B−YorR−Y信号)入力の場合
GNM
0/3.3
3.3
3.3
ON/OFF
ON
GNH
0/3.3
3.3
3.3
3.3
ON/OFF
ON
P3H
0/3.3
3.3
3.3
3.3
ON/OFF
ON
(J)コンポーネント選択時の各信号のGAINの比
ΔY1
0/3.3
3.3
3.3
3.3
ON/OFF
ON
ΔY2
0/3.3
3.3
3.3
3.3
ON/OFF
ON
ΔN
0/3.3
3.3
3.3
3.3
ON/OFF
ON
(K)ベースバンド選択時の10pin(RGB信号)入力の場合
GBM
0/3.3
3.3
ON/OFF
OFF
GBH
0/3.3
3.3
3.3
ON/OFF
OFF
C10H
0/3.3
3.3
3.3
ON/OFF
OFF
(L)ベースバンド選択時の6pin(RGB信号)入力の場合
GBM
0/3.3
3.3
ON/OFF
OFF
GBH
0/3.3
3.3
3.3
ON/OFF
OFF
C6H
0/3.3
3.3
3.3
ON/OFF
OFF
(M)ベースバンド選択時の3pin(RGB信号)入力の場合
GBM
0/3.3
3.3
ON/OFF
OFF
GBH
0/3.3
3.3
3.3
ON/OFF
OFF
C3H
0/3.3
3.3
3.3
ON/OFF
OFF
(N)ベースバンド選択時の各信号のGAINの比
ΔB1
0/3.3
3.3
3.3
ON/OFF
OFF
ΔB2
0/3.3
3.3
3.3
ON/OFF
OFF
ΔB3
0/3.3
3.3
3.3
ON/OFF
OFF
(O)GAINのf特(各モード及び各入力信号とも共通、但しY/C−MIX時を除く)
FY6
0/3.3
0
3.3
3.3
ON/OFF
ON
FY10
0/3.3
0
3.3
3.3
ON/OFF
ON
次ページへ続く。
前ページから続く。


Similar Part No. - LA7137M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7138M SANYO-LA7138M Datasheet
325Kb / 13P
   Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com